Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 22Page - Texas Instruments TNETX3190 Datasheet HTML 23Page - Texas Instruments TNETX3190 Datasheet HTML 24Page - Texas Instruments TNETX3190 Datasheet HTML 25Page - Texas Instruments TNETX3190 Datasheet HTML 26Page - Texas Instruments TNETX3190 Datasheet HTML 27Page - Texas Instruments TNETX3190 Datasheet HTML 28Page - Texas Instruments TNETX3190 Datasheet HTML 29Page - Texas Instruments TNETX3190 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
port-routing-code pretag on reception
If the pretag bit is set to 1 in the appropriate Portxcontrol register, during the seven MxxRCLK cycles prior to
MxxRXDV going high, the port expects to receive a seven-nibble pretag on MxxRXD3–MxxRXD0 (see
Figure 4).
MxxRCLK
MxxRXD3–
MxxRXD0
Preamble and Frame
Tag 6
MxxRXDV
Tag 5
Tag 4
Tag 3
Tag 2
Tag 1
Tag 0
Figure 4. Port-Routing-Code Pretag
Each of the 28 bits contained within these nibbles represents a destination port for the frame. If a bit is 1, the
frame is queued to that port. If the port is disabled or its link is inactive, the frame subsequently is drained from
the port’s queue, which again returns to zero length.
The port assignments for these tag bits are shown in Table 6.
Table 6. Received Pretag Port Assignments
TAG
MxxRXD3
MxxRXD2
MxxRXD1
MxxRXD0
6
Port 27 (NM)
Port 26
Port 25
Port 24
5
Port 23
Port 22
Port 21
Port 20
4
Port 19
Port 18
Port 17
Port 16
3
Port 15
Port 14
Port 13
Port 12
2
Port 11
Port 10
Port 09
Port 08
1
Port 07
Port 06
Port 05
Port 04
0
Port 08
Port 02
Port 01
Port 00
The 28 bits are examined during the reception process to see if just one destination bit is set. If this is the case,
the frame is received and handled like a unicast frame (such frames can be cut through). If more than one bit
is set, the frame is handled as an in-order-broadcast (and cannot be cut through). The frame is routed to all the
port(s) specified, regardless of whether the destination address is unicast or multicast (i.e., the destination
address is not examined).
If all 28 tag bits are 0, the frame is discarded. If the frame has not been discarded in the MAC (for some reason),
the portx-filtered RX-frames statistic is incremented.
The tag bits are not examined to see if the source port is specified as a destination port, so it is possible, for
example, for port 25 to send a frame to itself by setting bit 1 in tag 6.
The IALE sees and processes pretagged frames exactly as nonpretagged frames (it does not know that a frame
has been pretagged). However, the final port-routing code generated by the IALE is ignored (the information
in the pretag determines the destination ports). Normal IALE behavior occurs in terms of address learning and
interrupt generation and statistics updates, with one exception – the portx-filtered RX-frames statistic is
incremented if the pretag contained all 0s. Whether or not the IALE generates its own (ignored) port-routing code
of all 0s has no effect on this statistic if the frame is a pretagged frame.
Since the IALE’s routing decision is ignored on pretagged frames, the Txblockports, Rxuniblockports, and
Rxmultiblockports registers have no effect on frame reception or transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com