Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 62 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 58Page - Texas Instruments TNETX3190 Datasheet HTML 59Page - Texas Instruments TNETX3190 Datasheet HTML 60Page - Texas Instruments TNETX3190 Datasheet HTML 61Page - Texas Instruments TNETX3190 Datasheet HTML 62Page - Texas Instruments TNETX3190 Datasheet HTML 63Page - Texas Instruments TNETX3190 Datasheet HTML 64Page - Texas Instruments TNETX3190 Datasheet HTML 65Page - Texas Instruments TNETX3190 Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
62
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LED interface
operating characteristics over recommended operating conditions (see Figure 22)
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(LEDCLK)
Cycle time, LEDCLK
96
ns
2
tw(LEDCLKH)
Pulse duration, LEDCLK high
38
58
ns
3
Number of LEDCLK pulses in burst
48†
4
tc(BURST)
Cycle time, LEDCLK burst
62
ms
5
td(LEDCLK)
Delay time, from LEDDATA to LEDCLK
↑
12
µs
6
td(LEDDATA)
Delay time, from LEDCLK
↑ to LEDDATA (1st LED invalid)
84
µs
† During hard reset, LEDCLK runs continuously.
LEDCLK
(output)
LEDDATA
(input/output)
5
2
6
1
3
4
First LED
Second LED
Last LED
First LED
Figure 22. LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com