Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 4 Page - Texas Instruments

  TNETX3190 Datasheet HTML 1Page - Texas Instruments TNETX3190 Datasheet HTML 2Page - Texas Instruments TNETX3190 Datasheet HTML 3Page - Texas Instruments TNETX3190 Datasheet HTML 4Page - Texas Instruments TNETX3190 Datasheet HTML 5Page - Texas Instruments TNETX3190 Datasheet HTML 6Page - Texas Instruments TNETX3190 Datasheet HTML 7Page - Texas Instruments TNETX3190 Datasheet HTML 8Page - Texas Instruments TNETX3190 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PGV PACKAGE
(TOP VIEW)
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
DD26
DD27
DD28
VDD(2.5V)
DD29
DD30
DD31
GND
DCAS
DRAS
DW
VDD(3.3V)
DCLK
GND
DA00
DA01
VDD(2.5V)
DA02
DA03
DA04
GND
DA05
DA06
DA07
DA08
DA09
DA10
GND
DA11
DA12
VDD(2.5V)
DA13
NC
GND
NC
NC
NC
NC
NC
GND
NC
NC
NC
NC
VDD(2.5V)
NC
NC
NC
VDD(3.3V)
NC
NC
NC
TH1RENEG
TH1TXD0
GND
TH1TXD1
TH1TXD2
VDD(2.5V)
TH1TXD3
TH1TXEN
MDIO
MRESET
VDD(2.5V)
ECLK
EDIO
RESET
LEDDATA
LEDCLK
OSCIN
TRST
TDI
VDD(3.3V)
TDO
TMS
TCLK
VDD(2.5V)
M18FORCE10
M18FORCEHD
M18LINK
M18RXER
GND
M18RXDV
M18RXD3
M18RXD2
M18RXD1
M18RXD0
GND
M18RCLK
M18CRS
VDD(2.5V)
M18COL
M18TXER
GND
M18TXEN
M18TXD3
M18TXD2
M18TXD1
M18TXD0
M18TCLK
GND
M17FORCE10
M17FORCEHD
M17LINK
VDD(2.5V)
M17RXER
M17RXDV
GND
M17RXD3
VDD(3.3V)
M17RXD2
M17RXD1
M17RXD0
GND
M17RCLK
M17CRS
M17COL
VDD(2.5V)
M17TXER
M17TXEN
M17TXD3
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com