Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 56 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 52Page - Texas Instruments TNETX3190 Datasheet HTML 53Page - Texas Instruments TNETX3190 Datasheet HTML 54Page - Texas Instruments TNETX3190 Datasheet HTML 55Page - Texas Instruments TNETX3190 Datasheet HTML 56Page - Texas Instruments TNETX3190 Datasheet HTML 57Page - Texas Instruments TNETX3190 Datasheet HTML 58Page - Texas Instruments TNETX3190 Datasheet HTML 59Page - Texas Instruments TNETX3190 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SDRAM interface
The SDRAM interface observes two types of timing:
D Multicycle timings between commands
D Subcycle timings between signals and DCLK
Figure 16 illustrates the SDRAM interfaces signal timing in which each type of SDRAM command and its
interrelated timings are shown. It is not intended to be representative of any particular receive or transmit buffer
operation.
SDRAM command to command (see Figure 16)
SYMBOL
PARAMETER
MIN
MAX
UNIT
tRSA
MRS to ACTV or REFR
24
ns
tRC
Row cycle time (ACTV to REFR to next ACTV or REFR)
120
ns
tRAS
Row active time (ACTV to DCAB)
72
ns
tRP
Row recharge time (DCAB to ACTV, REFR, or MRS)
36
ns
tRCD
Row to column delay (ACTV to READ or WRT)
36
ns
tAC3
Column access time [READ (CAS) latency] (READ to data sample)
36
ns
nCCD
Column address to column address (WRT to next READ or WRT, or READ to next READ)
24
ns
nCWL
Last data or write to new column address (WRT to next READ or WRT)
24
ns
tRWD
Read to write delay (READ to next WRT)
60
ns
tWR
Write recovery time (WRT to DCAB)
24
ns
DCLK
tRC
tRP
tRWD
tWR
nCWL
nCCD
tRCD
tRAS
tRSA
tAC3
tAC3
DRAS
DCAS
DW
DD31–DD00
DA13–DA00
REGISTER
SETTINGS
BUFFOP
READ1
WRITE
READ2
MODE
ROW
READ1
WRITE
READ2
XXXX
DA10=0
DA10=0
DA10=1
DA10=0
NOOP
NOOP
ACTV
READ
READ
DCAB
REFR
NOOP
NOOP
NOOP
NOOP
NOOP
NOOP
WRT
NOOP
NOOP
MRS
Figure 16. SDRAM Command to Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com