Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 3Page - Texas Instruments TNETX3190 Datasheet HTML 4Page - Texas Instruments TNETX3190 Datasheet HTML 5Page - Texas Instruments TNETX3190 Datasheet HTML 6Page - Texas Instruments TNETX3190 Datasheet HTML 7Page - Texas Instruments TNETX3190 Datasheet HTML 8Page - Texas Instruments TNETX3190 Datasheet HTML 9Page - Texas Instruments TNETX3190 Datasheet HTML 10Page - Texas Instruments TNETX3190 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (ports 16–18)†
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
M16COL
M17COL
M18COL
42
65
90
I
Pulldown
Collision sense. Assertion of MxxCOL in half-duplex signal indicates a network collision
on that port. In full-duplex operation, transmission of new frames does not start if this
terminal is asserted.
M16CRS
M17CRS
M18CRS
43
66
92
I
Pulldown
Carrier sense. MxxCRS indicates a frame carrier signal is being received.
M16FORCE10
M17FORCE10
M18FORCE10
54
80
104
I/O‡
Pullup
Speed selection (force 10 Mbit/s is active low)
– If pulled low by either the TNETX3270 or a PHY, the port operates at 10 Mbit/s.
– If not pulled low by either the TNETX3270 or a PHY, the internal pullup resistor holds
this signal high and the port operates at 100 Mbit/s. An external 4.7-k
Ω pullup resistor
connected to VDD(3.3V) may be required, depending on the system layout.
M16LINK
M17LINK
M18LINK
52
78
102
I
Pulldown
Connection status. MxxLINK indicates the presence of a port connection.
– If MxxLINK = 0, there is no link.
– If MxxLINK = 1, the link is good.
M16FORCEHD
M17FORCEHD
M18FORCEHD
53
79
103
I/O‡
Pullup
Duplex selection (force half duplex is active low)
– If pulled low by either the TNETX3270 or the PHY, the port operates at half duplex.
– If not pulled low by either the TNETX3270 or the PHY, the internal pullup resistor holds
this signal high and the port operates at full duplex. An external 4.7-k
Ω pullup resistor
connected to VDD(3.3V) may be required, depending on the system layout.
M16RCLK
M17RCLK
M18RCLK
44
67
93
I
Pullup
Receive clock. Receive clock source from the attached PHY or PMI device.
M16RXD3
M16RXD2
M16RXD1
M16RXD0
M17RXD3
M17RXD2
M17RXD1
M17RXD0
M18RXD3
M18RXD2
M18RXD1
M18RXD0
49
48
47
46
73
71
70
69
98
97
96
95
I
Pullup
Receive data (nibble receive data from the attached PHY or PMI device). Data on these
signals is synchronous to MxxRCLK. MxxRXD0 is the least significant bit and MxxRXD3
is the most significant bit.
M16RXDV
M17RXDV
M18RXDV
50
75
99
I
Pulldown
Receive data valid. When high, MxxRXDV indicates valid data is present on the
MxxRXD3–MxxRXD0 lines.
M16RXER
M17RXER
M18RXER
51
76
101
I
Pulldown
Receive error. MxxRXER indicates a coding error on received data.
M16TCLK
M17TCLK
M18TCLK
33
56
82
I
Pullup
Transmit clock. Transmit clock source from the attached PHY or PMI device.
† xx = ports 16, 17, and 18
‡ Not a true bidirectional terminal. It can only be actively pulled down (open drain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com