Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 63 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 58Page - Texas Instruments TNETX3190 Datasheet HTML 59Page - Texas Instruments TNETX3190 Datasheet HTML 60Page - Texas Instruments TNETX3190 Datasheet HTML 61Page - Texas Instruments TNETX3190 Datasheet HTML 62Page - Texas Instruments TNETX3190 Datasheet HTML 63Page - Texas Instruments TNETX3190 Datasheet HTML 64Page - Texas Instruments TNETX3190 Datasheet HTML 65Page - Texas Instruments TNETX3190 Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
63
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power-up OSCIN and RESET
timing requirements (see Figure 23)
NO.
MIN
NOM
MAX
UNIT
Frequency drift, OSCIN clock
±50
ppm
1
tc(OSCIN)
Cycle time, OSCIN
12
ns
2
tw(OSCINL)
Pulse duration, OSCIN low
4.8
7.2
ns
3
tw(OSCINH)
Pulse duration, OSCIN high
4.8
7.2
ns
4
tw(RESET)
Pulse duration, RESET low
200
µs
5
tsu(RESET)
Setup time, RESET low before OSCIN
↑
7
ns
6
th(RESET)
Hold time, RESET low after OSCIN
↑
3
ns
7
td(OSCIN)
Delay time, from OSCIN invalid to OSCIN valid (stable)
25
ms
8
td(RESET)
Delay time, from OSCIN stable to RESET
↑
25
ms
9
tt(OSCIN)
Transition time, OSCIN rise and fall
2
ns
RESET must be held low at least 25 ms after both power supplies are stable and OSCIN has reached its stable
operating frequency. RESET can be set to 0 for a minimum of 200
µs to reset the device.
OSCIN
(input)
RESET
(input)
VDD(2.5V)
(input)
VDD(3.3V)
(input)
7
5
99
1
6
4
8
3
2
Figure 23. Power-Up OSCIN and RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com