Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 40 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 36Page - Texas Instruments TNETX3190 Datasheet HTML 37Page - Texas Instruments TNETX3190 Datasheet HTML 38Page - Texas Instruments TNETX3190 Datasheet HTML 39Page - Texas Instruments TNETX3190 Datasheet HTML 40Page - Texas Instruments TNETX3190 Datasheet HTML 41Page - Texas Instruments TNETX3190 Datasheet HTML 42Page - Texas Instruments TNETX3190 Datasheet HTML 43Page - Texas Instruments TNETX3190 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IEEE Std 802.1Q headers – reception
When the internal address-lookup engine (IALE) examines the received frame, it contains an IEEE Std 802.1Q
header (after the source address). The header used depends on the port configuration. If the port is configured
as an access port, then IALE always uses the default VLAN ID (VID) programmed for this port. It accepts all
received frames on this port as untagged. If the frame already contains a header, it is tagged again. If the port
is programmed as a non-access port, then the header added depends on the received frame. If the frame is
not tagged, or the value of the header field is 0x000, then the default port VID is used to tag the frame internally.
Otherwise, the VID contained in the frame is used by the IALE.
The IALE does not support all 4096 VLAN IDs that can be encoded within the IEEE Std 802.1Q header at the
same time. The TNETX3190 has support for 32 VLANs, the VID in the received frame is compared with these
32 VLAN IDs to see which (if any) it matches. The designer can use any of the 4096 VLAN ID values for these
32 VLAN IDs.
unknown VLAN
If there is no match, then the rest of the address-lookup process is abandoned. A new VLAN interrupt is provided
to the attached CPU. The source address, VLAN ID, and port information is provided in internal registers so that
the CPU can determine if it wants to add this VID to the lookup table. If the destination address is unicast, then
the frame is discarded. If the destination address is multicast/broadcast, then the frame is forwarded based on
a programmable port mask.
known VLAN
If there is a match, the VLAN index associated with this VID together with the destination and source address,
are forwarded to the address-lookup and subsequent routing process. Only one of the VLAN IDs match if they
have been programmed correctly. If more than one matches, the hardware chooses one of them.
new VLAN member
The IALE checks to see if the source port already has been declared as a member of this VLAN. If not, then
an interrupt is provided to allow the attached CPU to add this port as a new member of the VLAN.
IEEE Std 802.1Q headers – transmission
The IEEE Std 802.1Q header is carried in the frame to the transmitting MAC port, where the decision to strip
out the header before transmission is made, based on the port configuration. If the port is configured as an
access port, the header is stripped before transmission. If the frame is only 64 bytes long, then four bytes of
pad (0s) are inserted between the end of the data and the start of the CRC word (a new CRC value is calculated
and inserted in the frame). If the port is configured as a non-access port, the VID is compared with the default
port VID. If they match, the header is stripped. Otherwise, the header is retained.
If the frame is transmitted to the NM port, then no header stripping occurs. The frame is transmitted unaltered.
It may contain one or two headers, depending on how the frame was originally received.
address maintenance
The addresses within the IALE can be maintained automatically by the TNETX3190, where addresses are
learned/updated from the wire and deleted, using one of two aging algorithms. Multicast addresses are not
automatically learned or aged. The attached CPU can add/update, find, or delete address records via the DIO
interface.
At times of peak activity, it may not be possible to learn or update every source address that is received. The
IALE backlogs up to one source address per port under these circumstances. Subsequent source addresses
received on a backlogged port are not learned/updated until that port’s backlog has been cleared. Lookups are
always given priority in the IALE, so these can never backlog.
The learning and aging processes are independent. This allows addresses to be learned automatically from the
wire but allows the CPU to manage the aging process under software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com