Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 30Page - Texas Instruments TNETX3190 Datasheet HTML 31Page - Texas Instruments TNETX3190 Datasheet HTML 32Page - Texas Instruments TNETX3190 Datasheet HTML 33Page - Texas Instruments TNETX3190 Datasheet HTML 34Page - Texas Instruments TNETX3190 Datasheet HTML 35Page - Texas Instruments TNETX3190 Datasheet HTML 36Page - Texas Instruments TNETX3190 Datasheet HTML 37Page - Texas Instruments TNETX3190 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10-/100-Mbit/s MAC interfaces (ports 16–18)
Unlike the 10-Mbit/s ports, each 10-/100-Mbit/s port has a dedicated set of signals to interface to its PHY.
Table 12 shows how a TNETE2101 10-/100-Mbit/s PHY would be connected to one of the 10-/100-Mbit/s ports
of TNETX3190.
Table 12. 10-/100-Mbit/s Interface Connections
SWITCH
TERMINAL
TNETE2101
TERMINAL
MxxTCLK
←
MTCLK
MxxTXD3
→
MTXD3
MxxTXD2
→
MTXD2
MxxTXD1
→
MTXD1
MxxTXD0
→
MTXD0
MxxTXEN
→
MTXEN
MxxTXER
→
MTXER
MxxCOL
←
MCOL
MxxCRS
←
MCRS
MxxRCLK
←
MRCLK
MxxRXD3
←
MRXD3
MxxRXD2
←
MRXD2
MxxRXD1
←
MRXD1
MxxRXD0
←
MRXD0
MxxRXDV
←
MRXDV
MxxRXER
←
MRXER
MxxLINK
←
SLINK
MDCLK
→
MDCLK
MDIO
↔
MDIO
MRESET
→
MRST
Where xx = 16, 17, or 18, y = 0–3
Other differences from the 10-Mbit/s ports are noted in following paragraphs.
10-/100-Mbit/s port configuration
The 100-Mbit/s ports (16–18) can negotiate with the PHY (speed and duplex) at power-up via the EEPROM
contents using the MxxFORCE10 and MxxFORCEHD terminals, respectively.
Each of these terminals (per port):
D Has an integral 50-µA current-source pullup resistor. The system designer must decide if this is sufficient
to achieve a logic-1 level in a timely manner or if an external supplementary resistor is required.
D Has a strong open-drain pulldown transistor, which is enabled by setting to 1 the appropriate bit in the
Portxcontrol register.
D Is connected (via synchronization logic) to the appropriate bit in the Portxstatus register. These bits directly
control the configuration of the ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com