Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3190 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETX3190
Description  ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3190 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETX3190 Datasheet HTML 7Page - Texas Instruments TNETX3190 Datasheet HTML 8Page - Texas Instruments TNETX3190 Datasheet HTML 9Page - Texas Instruments TNETX3190 Datasheet HTML 10Page - Texas Instruments TNETX3190 Datasheet HTML 11Page - Texas Instruments TNETX3190 Datasheet HTML 12Page - Texas Instruments TNETX3190 Datasheet HTML 13Page - Texas Instruments TNETX3190 Datasheet HTML 14Page - Texas Instruments TNETX3190 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
TNETX3190
ThunderSWITCH
™ 16/3 ETHERNET™ SWITCH
WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS046B – FEBRUARY 1998 – REVISED APRIL 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
serial MII management PHY interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
MDCLK
121
O/High Z
Pullup
Serial MII management data clock. MDCLK can be disabled (high impedance) through the
use of the SIO register.
MDIO
120
I/O
Pullup
Serial MII management data I/O. MDIO can be disabled, placed in high Z, through the SIO
register. An external 4.7-k
Ω pullup resistor, conected to VDD(3.3V), is needed to meet the
rise-time requirements.
MRESET
119
O/High Z
Pullup
Serial MII management reset. MRESET can be disabled (high impedance) through the use
of the SIO register. If connected to a PHY device, an external pullup resistor is
recommended.
EEPROM interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
ECLK
117
O
None
EEPROM data clock.
EDIO
116
I/O
Pullup
EEPROM data I/O. An external pulldown resistor may be required for proper operation. Since this
terminal has an internal pullup, it can be left unconnected if no EEPROM is present. The EEPROM
is optional if a management CPU is present.
LED interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
LEDCLK
113
O
None
LED clock (serial shift clock for the LED status data)
LEDDATA
114
O
None
LED data (serial LED status data). LEDDATA is active low. All LED information (port link, activity
status, software status, flow status, and fault status) is sent via this serial interface.
JTAG interface
TERMINAL
I/O
INTERNAL
DESCRIPTION
NAME
NO.
I/O
RESISTOR
DESCRIPTION
TCLK
106
I
Pullup
Test clock. TCLK is used to clock state information, test instructions, and test data into and out of the
device during operation of the test port.
TDI
110
I
Pullup
Test data input. TDI is used to serially shift test data and test instructions into the device during
operation of the test port. An internal pullup resistor is provided on TDI to ensure JTAG compliance.
TDO
108
O
None
Test data output. TDO is used to serially shift test data and test instructions out of the device during
operation of the test port.
TRST
111
I
Pullup
Test reset. TRST is used for asynchronous reset of the test-port controller. An internal pullup resistor
is provided to ensure JTAG compliance. If the test port is not used, an external pulldown resistor of
10 k
Ω may be used to disable the test-port controller.
TMS
107
I
Pullup
Test mode select. TMS is used to control the state of the test-port controller. An internal pullup resistor
is provided on TMS to ensure JTAG compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com