Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22
Advance Information
4 Mbit LPC Flash
SST49LF040
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
TABLE 17: INTERFACE MEASUREMENT CONDITION PARAMETERS
Symbol
Value
Units
VTH1
0.6 VDD
V
VTL1
0.2 VDD
V
VTEST
0.4 VDD
V
VMAX1
0.4 VDD
V
Input Signal Edge Rate
1 V/ns
T17.0 562
1. The input test environment is done with 0.1 VDD of overdrive over VIH and VIL. Timing parameters must be met with no more over-
drive than this. VMAX specified the maximum peak-to-peak waveform allowed for measuring input timing. Production testing may use
different voltage values, but must correlate results back to these parameters
TABLE 18: STANDARD LPC MEMORY CYCLE DEFINITION (LPC MODE)
Field
No. of Clocks
Description
START
1
“0000b” appears on LPC bus to indicate the start of cycle
CYCTYPE + DIR
1
Cycle Type: Indicates the type of cycle. Bits 3:2 must be “01b” for memory cycle. Bit 1
indicates the type of transfer “0” for Read, “1” for write. DIR: Indicates the direction of the
transfer. “0b” for Read, “1b” for Write. Bit 0 is reserved. “010Xb” indicates memory Read
cycle; while “011xb” indicates memory Write cycle.
TAR
2
The last component driving LAD[3:0] will drive it to “1111b” during the first clock, and tri-
state it during the second clock.
ADDR
8
Address Phase for Memory Cycle. LPC supports the 32-bit address protocol. The
addresses transfer most significant nibble first and least significant nibble last. (i.e.,
Address[31:28] on LAD[3:0] first, and Address[3:0] on LAD[3:0] last.)
Sync
N
Synchronize to host or peripheral by adding wait states. “0000b” means Ready, “0101b”
means Short Wait, “0110b” means Long Wait, “1001b” for DMA only, “1010b” means
error, other values are reserved. The SST49LF040 only supports “Ready” sync.
Data
2
Data Phase for Memory Cycle.
The data transfer least significant nibble first and most significant nibble last.
(i.e., DQ[3:0] on LAD[3:0] first, then DQ[7:4] on LAD[3:0] last.)
T18.1 562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com