Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Advance Information
4 Mbit LPC Flash
SST49LF040
15
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
Data# Polling (DQ7)
When the SST49LF040 device is in the internal Program
operation, any attempt to read DQ7 will produce the com-
plement of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even
though DQ7 may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid: valid data on the entire
data bus will appear in subsequent successive Read
cycles after an interval of 1 µs. During internal Erase opera-
tion, any attempt to read DQ7 will produce a ‘0’. Once the
internal Erase operation is completed, DQ7 will produce a
‘1’. The Data# Polling is valid after the rising edge of fourth
WE# pulse for Program operation. For Sector-, Block-, or
Chip-Erase, the Data# Polling is valid after the rising edge
of sixth WE# pulse. See Figure 21 for the Data# Polling tim-
ing diagram and Figure 36 for a flowchart. Proper status will
not be given using Data# Polling if the address is in the
invalid range.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 0s
and 1s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# pulse
for Program operation. For Sector-, Block-, or Chip-Erase,
the Toggle Bit is valid after the rising edge of sixth WE#
pulse. See Figure 22 for the Toggle Bit timing diagram and
Figure 36 for a flowchart.
Data Protection
The SST49LF040 device provides both hardware and soft-
ware features to protect nonvolatile data from inadvertent
writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# pulse of less than 5 ns will
not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, WE# high will inhibit
the Write operation. This prevents inadvertent writes during
power-up or power-down.
Software Data Protection (SDP)
The SST49LF040 provides the JEDEC approved Software
Data Protection scheme for all data alteration operation,
i.e., Program and Erase. Any Program operation requires
the inclusion of a series of three-byte sequence. The three-
byte load sequence is used to initiate the Program opera-
tion, providing optimal protection from inadvertent Write
operations, e.g., during the system power-up or power-
down. Any Erase operation requires the inclusion of a six-
byte load sequence. The SST49LF040 device is shipped
with the Software Data Protection permanently enabled.
See Table 8 for the specific software command codes. Dur-
ing SDP command sequence, invalid commands will abort
the device to Read mode, within TRC.
Electrical Specifications
The AC and DC specifications for the LPC interface sig-
nals (LA0[3:0], LFRAME, LCLCK and RST#) as defined
in Section 4.2.2.4 of the PCI local Bus specification, Rev.
2.1. Refer to Table 9 for the DC voltage and current spec-
ifications. Refer to Tables 13 through 16 and Tables 19
through 21 for the AC timing specifications for Clock,
Read, Write, and Reset operations.
Product Identification
The Product Identification mode identifies the device as the
SST49LF040 and manufacturer as SST.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS less than 1 cm away from the VDD pin of the device.
Additionally, a low frequency 4.7 µF electrolytic capacitor
from VDD to VSS should be placed within 5 cm of the VDD
pin. If you use a socket for programming purposes add an
additional 1-10 µF next to each socket.
The RST# pin must remain stable at VIH for the entire dura-
tion of an Erase operation. WP# must remain stable at VIH
for the entire duration of the Erase and Program operations
for non-boot block sectors. To write data to the top boot
block sectors, the TBL# pin must also remain stable at VIH
for the entire duration of the Erase and Program operations.
TABLE
6: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST49LF040
0001H
51H
T6.1 562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com