Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST49LF040 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
Advance Information
4 Mbit LPC Flash
SST49LF040
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
LIST OF FIGURES
FIGURE 1: Device Memory Map for SST49LF040. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
FIGURE 2: Pin Assignments for 32-lead TSOP (8mm x 14mm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 3: Pin Assignments for 32-lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 4: Boot Configuration from the Top of the 4 GByte System Memory Map. . . . . . . . . . . . . . . . . . . 11
FIGURE 5: Boot Configuration from the Bottom of the 4 GByte System Memory Map . . . . . . . . . . . . . . . . 12
FIGURE 6: LCLK Waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
FIGURE 7: Reset Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
FIGURE 8: Output Timing Parameters. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
FIGURE 9: Input Timing Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
FIGURE 10: Read Cycle Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
FIGURE 11: Write Cycle Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
FIGURE 12: Program Cycle Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
FIGURE 13: Data# Polling Timing Diagram (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
FIGURE 14: Toggle Bit Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
FIGURE 15: Sector-Erase Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
FIGURE 16: Block-Erase Timing Diagram (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
FIGURE 17: GPI Register Readout Timing Diagram (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
FIGURE 18: Reset Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
FIGURE 19: Read Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 20: Write Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 21: Data# Polling Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
FIGURE 22: Toggle Bit Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
FIGURE 23: Byte-Program Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 24: Sector-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 25: Block-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 26: Chip-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 27: Software ID Entry and Read (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 28: Software ID Exit and Reset (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 29: AC Input/Output Reference Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 30: A Test Load Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 31: Read Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 32: Byte-Program Algorithm (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 33: Erase Command Sequences (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 34: Software Product Command Flowcharts (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
FIGURE 35: Byte-Program Algorithm (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
FIGURE 36: Wait Options (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
FIGURE 37: Software Product Command Flowcharts (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
FIGURE 38: Erase Command Sequence (PP Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com