Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Advance Information
4 Mbit LPC Flash
SST49LF040
17
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this
datasheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D.C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (Ta=25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +85°C
3.0-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . 3 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF
See Figures 29 and 30
TABLE
9: DC OPERATING CHARACTERISTICS (ALL INTERFACE)
Symbol
Parameter
Limits
Test Conditions1
1. Test conditions apply to PP mode.
Min
Max
Units
IDD
Active VDD Current
Address input=VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
Read
12
mA
OE#=
VIL, WE#=VIH, All I/Os open
Write2
2. IDD active while Erase or Program is in progress.
24
mA
OE#=
VIH, VDD=VDD Max
ISB
Standby VDD Current
(LPC Interface)
100
µA
LFRAME#=VIH, f=33 MHz, CE#=VIH
VDD=VDD Max,
All other inputs
≥ 0.9 VDD or ≤ 0.1 VDD
IRY3
3. The device is in Ready Mode when no activity is on the LPC bus.
Ready Mode VDD Current (LPC Interface)
10
mA
LFRAME#=VIL, f=33 MHz, VDD=VDD Max
All other inputs
≥ 0.9 VDD or ≤ 0.1 VDD
II
Input Current for IC:
ID[3:0] pins for SST49LF040
ID[3:1] pins for SST49LF080A
200
µA
VIN=GND to VDD, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VIHI
INIT# Input High Voltage
1.1
VDD+0.5
V
VDD=VDD Max
VILI
INIT# Input Low Voltage
-0.5
0.4
V
VDD=VDD Max
VIL
Input Low Voltage
-0.5
0.3 VDD
VVDD=VDD Min
VIH
Input High Voltage
0.5 VDD VDD+0.5
V
VDD=VDD Max
VOL
Output Low Voltage
0.1 VDD
VIOL=1500µA, VDD=VDD Min
VOH
Output High Voltage
0.9 VDD
VIOH=-500 µA, VDD=VDD Min
T9.1 562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com