Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Advance Information
4 Mbit LPC Flash
SST49LF040
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
the memory) asserts LFRAME# for one or more clocks
and drives a start value on the LAD[3:0] bus.
At the beginning of an operation, the host may hold the
LFRAME# active for several clock cycles, and even change
the Start value. The LAD[3:0] bus is latched every rising
edge of the clock. On the cycle in which LFRAME# goes
inactive, the last latched value is taken as the Start value.
CE# must be asserted one cycle before the start cycle to
select the SST49LF040 for Read and Write operations.
Once the SST49LF040 identifies the operation as valid (a
start value of all zeros), it next expects a nibble that indi-
cates whether this is a memory Read or Write cycle. Once
this is received, the device is now ready for the Address
and Data cycles. For Write operation the Data cycle will fol-
low the Address cycle, and for Read operation TAR and
SYNC cycles occur between the Address and Data cycles.
At the end of every operation, the control of the bus must
be returned to the host by a 2-clock TAR cycle.
Abort Mechanism
If LFRAME# is driven low for one or more clock cycles dur-
ing a LPC cycle, the cycle will be terminated and the device
will wait for the ABORT command. The host must drive the
LAD[3:0] with ‘1111b’ (ABORT command) to return the
device to the ready mode. If abort occurs during the inter-
nal write cycle, the data may be incorrectly programmed or
erased. It is required to wait for the Write operation to com-
plete prior to initiation of the abort command. It is recom-
mended to check the write status with Data# Polling D[7] or
Toggle Bit D[6]. One other option is to wait for the fixed write
time to expire.
Write Operation Status Detection
The SST49LF040 device provides two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system write cycle time. The soft-
ware detection includes two status bits: Data# Polling D[7]
and Toggle Bit D[6]. The End-of-Write detection mode is
incorporated into the LPC Read Cycle. The actual comple-
tion of the nonvolatile write is asynchronous with the sys-
tem; therefore, either a Data# Polling or Toggle Bit read
may be simultaneous with the completion of the Write
cycle. If this occurs, the system may possibly get an errone-
ous result, i.e., valid data may appear to conflict with either
D[7] or D[6]. In order to prevent spurious rejection, if an
erroneous result occurs, the software routine should
include a loop to read the accessed location an additional
two (2) times. If both Reads are valid, then the device has
completed the Write cycle, otherwise the rejection is valid.
Data# Polling
When the SST49LF040 device is in the internal Program
operation, any attempt to read D[7] will produce the com-
plement of the true data. Once the Program operation is
completed, D[7] will produce true data. Note that even
though D[7] may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid: valid data on the entire
data bus will appear in subsequent successive Read
cycles. During internal Erase operation, any attempt to
read D[7] will produce a ‘0’. Once the internal Erase opera-
tion is completed, D[7] will produce a ‘1’. Proper status will
not be given using Data# Polling if the address is in the
invalid range.
Toggle Bit
During the internal Program or Erase operation, any consec-
utive attempts to read D[6] will produce alternating 0s and
1s, i.e., toggling between 0 and 1. When the internal Pro-
gram or Erase operation is completed, the toggling will stop.
System Memory Mapping
The LPC address sequence is 32 bits long. The
SST49LF040 will respond to addresses mapped into the
top of the 4GB memory space from FFFF FFFFH to
FF00 0000H or bottom of the 4GB memory space from
00000 000H to 00FF FFFFFH. Address bits A18-A0 are
decoded as memory addresses for SST49LF040, A22-A19
are device ID strapping bits, A23 directs Reads and Writes
to memory locations (A23 = 1) or to register access loca-
tions (A23 = 0).
Refer to Multiple Device Selection for more detail in device
ID strapping decoding. Refer to Figures 4 and 5 for System
Memory Boot Configuration.
Multiple Device Selection
Multiple LPC Flash devices may be strapped to increase
memory densities in a system. The four ID strapping pins,
ID[3:0], allow up to 16 devices to be attached to the same
bus by using different ID strapping in a system. Equal den-
sity must be used with multiple devices. BIOS support, bus
loading or the attaching bridge may limit this number. The
maximum “window” of the LPC array visible at one time is
16 MByte.
Applications that boot from the top address of the 4 GByte
system memory map; the ID strapping is sequentially
incremented downward as shown in Figure 4. For applica-
tions that boot from the bottom address of the 4 GByte sys-
tem memory map, the ID strapping increments upward but
non-sequentially as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com