Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
Advance Information
4 Mbit LPC Flash
SST49LF040
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
TABLE
1: PIN DESCRIPTION
Symbol
Pin Name
Type1
Interface
Functions
PP LPC
A10-A0
Address
I
X
Inputs for low-order addresses during Read and Write operations. Addresses are
internally latched during a Write cycle. For the programming interface, these
addresses are latched by R/C# and share the same pins as the high-order
address inputs.
DQ7-DQ0
Data
I/O
X
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle. The outputs are in tri-state when
OE# is high.
OE#
Output Enable
I
X
To gate the data output buffers.
WE#
Write Enable
I
X
To control the Write operations.
MODE
Interface
Mode Select
I
X
X
This pin determines which interface is operational. When held high, programmer
mode is enabled and when held low, LPC mode is enabled. This pin must be
setup at power-up or before return from reset and not change during device oper-
ation. This pin must be held high (VIH) for PP mode and low (VIL) for LPC mode.
INIT#
Initialize
I
X
This is the second reset pin for in-system use. This pin is internally combined
with the RST# pin; If this pin or RST# pin is driven low, identical operation is
exhibited.
ID[3:0]
or
ID[3:1]
Identification
Inputs
I
X
These four pins are part of the mechanism that allows multiple parts to be attached
to the same bus. These pins are internally pulled-down with a resistor between 20-
100 K
Ω
GPI[4:0]
General
Purpose Inputs
I
X
These individual inputs can be used for additional board flexibility. The state of
these pins can be read through LPC registers. These inputs should be at their
desired state before the start of the PCI clock cycle during which the read is
attempted, and should remain in place until the end of the Read cycle. Unused
GPI pins must not be floated.
TBL#
Top Block Lock
I
X
When low, prevents programming to the boot block sectors at top of memory.
When TBL# is high it disables hardware write protection for the top block sectors.
This pin cannot be left unconnected.
LAD[3:0]
Address and
Data
I/O
X
To provide LPC control signals, as well as addresses and Command
Inputs/Outputs data.
LCLK
Clock
I
X
To provide a clock input to the control unit
LFRAME# Frame
I
X
To indicate start of a data transfer operation; also used to abort an LPC cycle
in progress.
RST#
Reset
I
X
X
To reset the operation of the device
WP#
Write Protect
I
X
When low, prevents programming to all but the highest addressable blocks.
When WP# is high it disables hardware write protection for these blocks.
This pin cannot be left unconnected.
R/C#
Row/Column
Select
I
X
Select for the Programming interface, this pin determines whether the address
pins are pointing to the row addresses, or to the column addresses.
RES
Reserved
X
These pins must be left unconnected.
VDD
Power Supply
PWR
X
X
To provide power supply (3.0-3.6V)
VSS
Ground
PWR
X
X
Circuit ground (0V reference)
CE#
Chip Enable
I
X
This signal must be asserted to select the device. When CE# is low, the device
is enabled. CE# must remain low during internal Write (Program or Erase)
operations. When CE# is high, the device is placed in low power Standby mode.
NC
No Connection
I
X
X
Unconnected pins.
T1.4 562
1. I=Input, O=Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com