Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Advance Information
4 Mbit LPC Flash
SST49LF040
7
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
PIN DESCRIPTION
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP (8MM X 14MM)
FIGURE 3: PIN ASSIGNMENTS FOR 32-LEAD PLCC
NC
NC
NC
NC (CE#)
MODE (MODE)
A10 (GPI4)
R/C# (LCLK)
VDD (VDD)
NC
RST# (RST#)
A9 (GPI3)
A8 (GPI2)
A7 (GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE# (INIT#)
WE# (LFRAME#)
VDD (VDD)
DQ7 (RES)
DQ6 (RES)
DQ5 (RES)
DQ4 (RES)
DQ3 (LAD3)
VSS (VSS)
DQ2 (LAD2)
DQ1 (LAD1)
DQ0 (LAD0)
A0 (ID0)
A1 (ID1)
A2 (ID2)
A3 (ID3)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
562 ILL F03a.0
Standard Pinout
Top View
Die Up
( ) Designates LPC Mode
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7(GPI1)
A6 (GPI0)
A5 (WP#)
A4 (TBL#)
A3 (ID3)
A2 (ID2)
A1 (ID1)
A0 (ID0)
DQ0 (LAD0)
MODE (MODE)
NC (CE#)
NC
NC
VDD (VDD)
OE# (INIT#)
WE# (LFRAME#)
NC
DQ7 (RES)
4
3
2
1
32
31 30
32-lead PLCC
Top View
562 ILL F03b.0
14
15
16
17 18
19
20
( ) Designates LPC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com