Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 28 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 28 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 32Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
Advance Information
4 Mbit LPC Flash
SST49LF040
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
FIGURE 16: BLOCK-ERASE TIMING DIAGRAM (LPC MODE)
562 ILL F15.1
RST#
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
0101b
0101b
0101b
1010b
0101b
1010b
Tri-State
TAR
Load Address "YYYY 5555H" in 8 Clocks
Write the 1st command to the device in LPC mode.
Address1
1 Clock 1 Clock
1st Start
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data "AAH" in 2 Clocks
1111b
0000b
LCLK
RST# = VIH
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
1010b
1010b
1010b
0101b
0010b
0101b
Tri-State
TAR
Load Address "YYYY 2AAAH" in 8 Clocks
Write the 2nd command to the device in LPC mode.
Address1
1 Clock 1 Clock
2nd Start
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data "55H" in 2 Clocks
1111b
0000b
LCLK
RST# = VIH
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
0101b
0101b
0101b
1000b
0101b
0000b
Tri-State
TAR
Load Address "YYYY 5555H" in 8 Clocks
Write the 3rd command to the device in LPC mode.
Address1
1 Clock 1 Clock
3rd Start
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data "80H" in 2 Clocks
1111b
0000b
LCLK
RST# = VIH
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
0101b
0101b
0101b
1010b
0101b
1010b
Tri-State
TAR
Load Address "YYYY 5555H" in 8 Clocks
Write the 4th command to the device in LPC mode.
Address1
1 Clock 1 Clock
4th Start
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data "AAH" in 2 Clocks
1111b
0000b
LCLK
RST# = VIH
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20] A[19:16]
1010b
1010b
1010b
0101b
0010b
0101b
A[19:16]
XXXXb
XXXXb
XXXXb
0101b
BAX
0000b
Tri-State
TAR
Load Address "YYYY 2AAAH" in 8 Clocks
Load Block Address in 8 Clocks
Write the 5th command to the device in LPC mode.
Address1
1 Clock 1 Clock
5th
Memory
Write
Cycle
TAR
Sync
Data
Start next
Command
1 Clock
1 Clock
2 Clocks
Load Data "55H" in 2 Clocks
Load Data “50” in 2 Clocks
1111b
0000b
LCLK
RST# = VIH
LFRAME#
LAD[3:0]
0000b
011Xb
A[23:20]
Tri-State
TAR
Write the 6th command (target sector to be erased) to the device in LPC mode.
BAX = Block Address
Address1
1 Clock 1 Clock
6th Start
Memory
Write
Cycle
TAR
Sync
Data
Internal
erase start
Internal
erase start
1 Clock
2 Clocks
1111b
0000b
CE# = VIL
CE# = VIL
CE# = VIL
CE# = VIL
CE# = VIL
LCLK
CE#
A[31:28] A[27:24]
A[31:28] A[27:24]
A[31:28] A[27:24]
A[31:28] A[27:24]
A[31:28] A[27:24]
A[31:28] A[27:24]
Note: YYYY must be within memory address range specified in Figures 4 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com