Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF040 Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

Part # SST49LF040
Description  4 Mbit LPC Flash
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF040 Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST49LF040 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST49LF040 Datasheet HTML 48Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Advance Information
4 Mbit LPC Flash
SST49LF040
45
©2001 Silicon Storage Technology, Inc.
S71213-00-000
11/01 562
PRODUCT ORDERING INFORMATION
Valid combinations for SST49LF040
SST49LF040-33-4C-WH
SST49LF040-33-4C-NH
Note:
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST49LF0x0
-XXX
-XX
-X X
Package Modifier
H = 32 pins
Package Type
N = PLCC
W = TSOP (type 1, die up, 8mm x 14mm)
Operating Temperature
C = Commercial = 0°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Serial Access Clock Frequency
33 = 33 MHz
Device Density
040 = 4 Mbit
Voltage Range
L = 3.0-3.6V
Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com