Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 13Page - Texas Instruments TNETE110PM Datasheet HTML 14Page - Texas Instruments TNETE110PM Datasheet HTML 15Page - Texas Instruments TNETE110PM Datasheet HTML 16Page - Texas Instruments TNETE110PM Datasheet HTML 17Page - Texas Instruments TNETE110PM Datasheet HTML 18Page - Texas Instruments TNETE110PM Datasheet HTML 19Page - Texas Instruments TNETE110PM Datasheet HTML 20Page - Texas Instruments TNETE110PM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
17
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
test measurement
The test-load circuit shown in Figure 3 represents the programmable load of the tester pin electronics that are
used to verify timing parameters of the TNETE110PM output signals.
(c) FIREF TEST CIRCUIT
(b) AXMTP AND AXMTN TEST LOAD (AC TESTING)
(a) TTL OUTPUT TEST LOAD
180
Ω
FIREF
AXMTN
AXMTP
Test Point
CL
IOH
VLOAD
IOL
Point
Test
Test
Under
Output
TTL
50
Ω
78
Ω
50
Ω
X1
X1–Fil–Mag 23Z90(1:1)
(d) FXMTP AND FXMTN TEST LOAD (AC TESTING)
FXMTN
FXMTP
Test Point
50
Ω
50
Ω
X2
X2–Fil–Mag 23Z128(1:
√2)
25
Ω
25
Ω
FXMTN
FXMTP
Test Point
50
Ω
50
Ω
50
Ω
(e) FXMTP and FXMTN TEST LOAD (DC TESTING)
Test Point
50
Ω
Where: IOL
= Refer to IOL in recommended operating conditions
IOH
= Refer to IOH in recommended operating conditions
VLOAD
= 1.5 V, typical dc-level verification or
0.7 V, typical timing verification
CL
= 18 pF, typical load-circuit capacitance
Figure 3. Test and Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com