Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 15 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 15 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 11Page - Texas Instruments TNETE110PM Datasheet HTML 12Page - Texas Instruments TNETE110PM Datasheet HTML 13Page - Texas Instruments TNETE110PM Datasheet HTML 14Page - Texas Instruments TNETE110PM Datasheet HTML 15Page - Texas Instruments TNETE110PM Datasheet HTML 16Page - Texas Instruments TNETE110PM Datasheet HTML 17Page - Texas Instruments TNETE110PM Datasheet HTML 18Page - Texas Instruments TNETE110PM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical-interface pins) (continued)
10 Base-T transmitter drive characteristics (FXMTP, FXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSLW
Differential voltage at specified slew rate
VOD(SLEW)
"2.2
"2.8
V
VO(CM)
Common-mode output voltage
VOC
See Figure 3d
0
4
V
VO(DIFF)
Differential output voltage
VOD
Into open circuit
5.25
V
VO(I)
Output idle differential voltage
VOD(IDLE)
"50
mV
IO(FC)
Output current, fault condition†
IO(FC)
300
mA
† Specified by design
AUI receiver input (ARCVP, ARCVN, ACOLP, ACOLN)
PARAMETER
JEDEC
SYMBOL
TEST
CONDITIONS
MIN
MAX
UNIT
VI(DIFF)1 Differential input voltage 1‡
VID(1)
See Note 12
0
3
V
VI(DIFF)2 Differential input voltage 2‡
VID(2)
See Note 13
0
100
mV
V(SQ)
Falling input pair squelch threshold
– 325
mV
‡ See recommended operating conditions
NOTES: 12. Common-mode frequency range – 10 Hz to 40 kHz
13. Common-mode frequency range – 40 kHz to 10 MHz
AUI-transmitter drive characteristics (AXMTP, AXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VO(DIFF)1
Differential output voltage
VOD(1)
See Note 14
"500 "1315
mV
VOI(DIFF)
Output idle differential voltage‡
VOD(IDLE)
"40
mV
VOI(DIFF)U
Output differential undershoot‡
VOD(IDLE)U
100
mV
IO(FC)
Output current, fault condition§
IO(FC)
150
mA
‡ See recommended operating conditions
§ Characterized but not tested
NOTE 14: The differential voltage is measured as per Figure 3b.
crystal-oscillator characteristics
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSB(FXTL1) Input self-bias voltage
VIB
1.7
2.8
V
IOH(FXTL2)
High-level output current
IOH
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) + 0.5 V
– 1.3
– 5.0
mA
IOL(FXTL2)
Low-level output current
IOL
V(FXTL2) = VSB(FXTL1)
V(FXTL1) = VSB(FXTL1) – 0.5 V
– 0.4
1.3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com