Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 3Page - Texas Instruments TNETE110PM Datasheet HTML 4Page - Texas Instruments TNETE110PM Datasheet HTML 5Page - Texas Instruments TNETE110PM Datasheet HTML 6Page - Texas Instruments TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments TNETE110PM Datasheet HTML 10Page - Texas Instruments TNETE110PM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PCI INTERFACE (CONTINUED)
PIRDY
19
I/O
PCI initiator ready. PIRDY is driven by the active bus master to indicate that it is ready to complete the
current data phase of a transaction. A data phase is not completed until both PIRDY and PTRDY are
sampled asserted. When the TNETE110PM is a bus master, it uses PIRDY to align incoming data on
reads or outgoing data on writes with its internal RAM-access synchronization (maximum one cycle
at the beginning of burst). When the TNETE110PM is a bus slave, it extends the access appropriately
until both PIRDY and PTRDY are asserted.
PTRDY
20
I/O
PCI target ready. PTRDY is driven by the selected device (bus slave or target) to indicate that it is ready
to complete the current data phase of a transaction. A data phase is not completed until both PIRDY
and PTRDY are sampled asserted.
ThunderLAN uses PTRDY to ensure every direct I/O (DIO) operation is correctly interlocked.
PPAR
27
I/O
PCI parity. PPAR carries even parity across PAD[31:0] and PC / BE[3:0]. It is driven by the
TNETE110PM during all address and write cycles as a bus master and during all read cycles as a bus
slave.
PPERR
24
I/O
PCI parity error. PPERR indicates a data parity error on all PCI transactions except special cycles.
PREQ
134
I/O
PCI bus request. PREQ is asserted by the TNETE110PM to request control of the PCI bus. This is not
a shared signal.
PRST
129
I
PCI reset signal (power-down enable configuration). The PRST pin should be connected to a reset
signal (VAUXGOOD) by the auxiliary power supply. This pin resets the TNETE110PM on initial power
up only. When PRST is asserted low, the TNETE110PM performs the following internal functions:
–
Resets all TNETE110PM registers and state machines
–
Puts all PCI outputs and IEEE standard (JTAG) pins in high impedance state asynchronously
PCI reset signal (clock-run-enable configuration). The PRST pin should be connected to the PRST
signal for the system. When PRST is asserted low, the TNETE110PM performs the following internal
functions:
–
Resets all TNETE110PM registers and state machines
–
Puts all PCI outputs and IEEE standard (JTAG) pins in high impedance state asynchronously
PSERR
25
O/D
PCI system error. PSERR indicates parity errors, or special cycle data parity errors.
PSTOP
23
I/O
PCI stop. PSTOP indicates the current target is requesting the master to stop the current transaction.
BIOS ROM / LED DRIVER INTERFACE
EAD7
EAD6
EAD5
EAD4
EAD3
EAD2
EAD1
EAD0
54
55
56
57
59
60
61
62
I/O
EPROM address / data. EAD[7:0] is a multiplexed byte bus that is used to address and read data from
an external BIOS ROM.
• On the cycle when EXLE is asserted low, EAD[7:0] is driven with the high byte of the
address.
• On the cycle when EALE is asserted low, EAD[7:0] is driven with the low byte of the
address.
• When EOE is asserted, BIOS ROM data should be placed on the bus.
These pins can also be used to drive external status LEDs. Low-current (2 – 5 mA) LEDs can be
connected directly (through appropriate resistors). High-current LEDs can be driven through buffers
or from the BIOS ROM address latches.
EALE
65
O
EPROM address latch enable. EALE is driven low to latch the low (least significant) byte of the BIOS
ROM address from EAD[7:0].
EOE
64
O
EPROM output enable. When EOE is active (low) EAD[7:0] is in the high-impedance state and the
output of the BIOS ROM should be placed on EAD[7:0].
EXLE
66
O
EPROM extended address latch enable. EXLE is driven low to latch the high (most significant) byte
of the BIOS ROM address from EAD[7:0].
† I = input, O = output, I / O = 3-state input / output, O / D = open-drain output, A = analog
NOTE 1: This pin should be tied to VDD with a 4.7-kW – 10-kW pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com