Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 2 Page - Texas Instruments

  TNETE110PM Datasheet HTML 1Page - Texas Instruments TNETE110PM Datasheet HTML 2Page - Texas Instruments TNETE110PM Datasheet HTML 3Page - Texas Instruments TNETE110PM Datasheet HTML 4Page - Texas Instruments TNETE110PM Datasheet HTML 5Page - Texas Instruments TNETE110PM Datasheet HTML 6Page - Texas Instruments TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PCI
Bus
PCI
Bus Master
Control
FIFO
Registers
Multiplexed
SRAM
FIFO
Ethernet
LAN
Controller
10 Mbps
10 Base-T
Physical
Layer
Interface
10 Base-T
Ethernet
10 Base-5
(AUI)
Figure 1. ThunderLAN Architecture
description
ThunderLAN is a high-speed networking architecture that provides a complete PCI-to-10 Base-T/AUI Ethernet
solution. The TNETE110PM, one implementation of the ThunderLAN architecture (see Figure 1), is an
intelligent-protocol network interface. The ThunderLAN SRAM FIFO-based architecture eliminates the need for
external memory and offers a single-chip glueless PCI-to-10 Base-T/AUI (IEEE 802.3) solution with an on-board
physical layer interface.
The glueless PCI interface supports 32-bit streaming, operates at speeds up to 33 MHz, and is capable of
internal data-transfer rates up to 2 Gbps, taking full advantage of all available PCI bandwidth. The
TNETE110PM offers jumperless autoconfiguration using PCI configuration read / write cycles. Customizable
configuration registers, which can be autoloaded from an external serial EEPROM, allow designers of
TNETE110PM-based systems to give their systems a unique identification code. The TNETE110PM PCI
interface, developed in conjunction with other leaders in the semiconductor and computer industries, has been
vigorously tested on multiple platforms to ensure compatibility across a wide array of available PCI products.
In addition, the ThunderLAN drivers and ThunderLAN architecture use TI’s patented Adaptive Performance
Optimization (APO) technology to adjust critical parameters for minimum latency dynamically, minimum host
CPU utilization, and maximum system performance. This technology ensures that the maximum capabilities
of the PCI interface are used by automatically tuning the adapter to the specific system in which it is operating.
An intelligent protocol handler (PH) implements the serial protocols of the network. The PH is designed for
minimum overhead related to multiple protocols, using common state machines to implement 95% of the total
protocol handler. On transmit, the PH serializes data, adds framing and cyclic redundancy check (CRC) fields,
and interfaces to the network physical layer (PHY) chip. On receive, it provides address recognition, CRC and
error-checking, frame disassembly, and deserialization. Data for multiple channels is passed to and from the
PH by way of circular-buffer FIFOs in the FIFO SRAM.
Compliant with IEEE Standard 1149.1, the TNETE110PM provides a five-pin test-access port that is used for
boundary-scan testing.
The TNETE110PM is available in a 144-pin thin quad flat package (TQFP) and quad flat package (QFP).
differences between TNETE110A and TNETE110PM
The TNETE110PM implements additional power management features such as Magic Packet and PCI
specification 2.1 compatibility for low power/sleep mode, advanced configuration and power interface (ACPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com