Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 6Page - Texas Instruments TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments TNETE110PM Datasheet HTML 10Page - Texas Instruments TNETE110PM Datasheet HTML 11Page - Texas Instruments TNETE110PM Datasheet HTML 12Page - Texas Instruments TNETE110PM Datasheet HTML 13Page - Texas Instruments TNETE110PM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA controller (DMAC)
The DMAC is responsible for coordinating TNETE110PM requests for mastership of the PCI bus. The DMAC
provides byte-aligning DMA control allowing byte-size fragmented frames to be transferred to any byte address
while supporting 32-bit data streaming.
protocol handler (PH)
The PH implements the serial protocols of the network. On transmit, it serializes data, adds framing and CRC
fields, and interfaces to the network PHY. On receive, it provides address recognition, CRC and error checking,
frame disassembly, and deserialization. Data for multiple channels is passed to and from the PH by way of
circular buffer FIFOs in the FSRAM controlled through FPREGS.
10 Base-T physical layer (PHY)
The PHY acts as an on-chip front-end providing physical layer functions for 10 Base-5 (AUI), 10 Base 2, and
10 Base-T (twisted pair). The PHY provides Manchester encoding / decoding from smart squelch, jabber
detection, link pulse detection, autopolarity control, 10 Base-T transmission waveshaping, and antialiasing
filtering. Connection to the AUI drop cable for the 10 Base-T twisted pair is made via simple isolation
transformers (see Figure 2) and no external filter networks are required. Suitable external termination
components allow the use of either shielded or unshielded twisted-pair cable (150
W or 100 W). Some of the
key features of the on-chip PHY are listed as follow:
D Integrated filters
D 10 Base-T transceiver
D AUI transceiver
D 10 Base-2 transceiver
D Autopolarity (reverse polarity correction)
D Loopback for twisted pair and AUI
D Full-duplex mode for simultaneous 10 Base-T transmission and reception
D Low power
TNETE110PM
PCI
FXMTP
FXMTN
FRCVP
FRCVN
RJ-45
Figure 2. Schematic for 10 Base-T Network Interface Using TNETE110PM
FIFO pointer registers (FPREGS)
The FPREGS are used to implement circular buffer FIFOs in the SRAM. They are a collection of pointer and
counter registers used to maintain the FIFO operation. Both the PCIIF and PH use FPREGS to determine where
to read or write data in the SRAM and to determine how much data the FIFO contains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com