Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 4Page - Texas Instruments TNETE110PM Datasheet HTML 5Page - Texas Instruments TNETE110PM Datasheet HTML 6Page - Texas Instruments TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments TNETE110PM Datasheet HTML 10Page - Texas Instruments TNETE110PM Datasheet HTML 11Page - Texas Instruments TNETE110PM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
CONFIGURATION EEPROM INTERFACE
EDCLK
68
O
EEPROM data clock. EDCLK transfers serial clocked data to the 2K-bit serial EEPROMs (24C02) (see
Note 1).
EDIO
69
I/O
EEPROM data I / O. EDIO is the bidirectional serial data / address line to the 2K-bit serial EEPROM
(24C02). EDIO requires an external pullup for EEPROM operation. Tying EDIO to ground disables the
EEPROM interface and prevents autoconfiguration of the PCI configuration register.
NETWORK INTERFACE (10 Base-T AND AUI)
ACOLN
ACOLP
111
109
A
AUI-receive pair. ACOLN and ACOLP are differential line-receiver inputs and connect to receive pair
via transformer isolation, etc.
ARCVN
ARCVP
108
106
A
AUI-receive pair. ARCVN and ARCVP are differential line-receiver inputs and connect to receive pair
via transformer isolation, etc.
AXMTP
AXMTN
99
100
A
AUI-transmit pair. AXMTP and AXMTN are differential line-transmitter outputs.
FATEST
118
A
Analog test pin. FATEST provides access to the filter of the reference PLL. This pin should be left as
a no connect.
FIREF
116
A
Current reference. FIREF is used to set a current reference for the analog circuitry.
FONLY
120
A
Front-end only pin. The FONLY pin should be tied low for systems not requiring the power management
capabilities of the TNETE110PM.
FRCVN
FRCVP
105
103
A
10 Base-T receive pair. FRCVN and FRCVP are differential line receiver inputs and connect to receive
pair via transformer isolation, etc.
FXTL1
FXTL2
113
114
A
Crystal oscillator pins. Drive FXTL1 from a 20-MHz crystal oscillator module.
FXMTP
FXMTN
97
98
A
10 Base-T transmit pair. FXMTP and FXMTN are differential line transmitter outputs.
RESERVED
120
I
Reserved. Tie this pin low.
SERIAL MANAGEMENT INTERFACE
MDIO
93
I/O
Management data I/O. MDIO is part of the serial management interface.
MRCLK
82
I
Receive clock. MRCLK is the receive clock source.
MRST
95
O
MII reset. MRST is the reset signal.
POWER
VDDI
6, 14,
34, 48,
122,
136,
142
PWR
PCI VDD pins (power-down-enable configuration). VDDI pins provide power for the PCI I/O pin drivers.
Connect VDDI pins to a 5-volt power supply when using 5-V signals on the PCI bus. Connect VDDI pins
to a 3-volt power supply when using 3-V signals on the PCI bus. Pin #122 should be connected to a
power supply that is not powered down during SLEEP mode. This supply must be the same voltage
as VDDI when the PCI bus is fully functional.
PCI VDD pins (clock-run-enable configuration). VDDI pins provide power for the PCI I/O pin drivers.
Connect VDDI pins to a 5-volt power supply when using 5-V signals on the PCI bus. Connect VDDI pins
to a 3-volt power supply when using 3-V signals on the PCI bus.
VDDL
22, 37,
58, 70,
79, 84
94,
130
PWR
Logic VDD pins (5 V) (power-down-enable configuration). VDDL pins provide power for internal
TNETE110PM logic and should be connected to an auxiliary power source (5 V).
Logic VDD pins (5 V) (Clock-run-enable configuration). VDDL pins provide power for internal
TNETE110PM logic, and they always must be connected to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com