Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments TNETE110PM Datasheet HTML 10Page - Texas Instruments TNETE110PM Datasheet HTML 11Page - Texas Instruments TNETE110PM Datasheet HTML 12Page - Texas Instruments TNETE110PM Datasheet HTML 13Page - Texas Instruments TNETE110PM Datasheet HTML 14Page - Texas Instruments TNETE110PM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
FIFO SRAM (FSRAM)
The FSRAM is a conventional SRAM array accessed synchronously to the PCI bus clock. Access to the RAM
is allocated on a time-division multiplexed (TDM) basis, rather than through a conventional shared bus. This
removes the need for bus arbitration and provides ensured bandwidth. Half of the RAM accesses (every other
cycle) are allocated to the PCI controller. It has a 64-bit access port to the RAM, giving it 1 Gbps of bandwidth,
sufficient to support 32-bit data streaming on the PCI bus. The PH has one-quarter of the RAM accesses, and
its port may be up to 64 bits wide. A 64-bit port for the PH provides 512 Mbps of bandwidth, more than sufficient
for a full-duplex 100-Mbps network. The remaining RAM accesses can be allocated toward providing even more
PH bandwidth. The RAM also is accessible (for diagnostic purposes) from the TNETE110PM internal data bus.
Host DIO (mapped I / O) accesses are used by the host to access internal TNETE110PM registers and for
adapter test.
Features of the FSRAM include:
D 3.375K bytes of FSRAM
D 1.5K-byte FIFO for receive channel
D One 1.5K-byte FIFO for transmit channel
D Three 128-byte lists
Supporting 1.5K bytes of FIFO per channel allows full-frame buffering of Ethernet frames.
test-access port (TAP)
Compliant with IEEE Standard 1149.1, the TAP is composed of five pins that are used to interface serially with
the device and the board on which it is installed for boundary-scan testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com