Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 17Page - Texas Instruments TNETE110PM Datasheet HTML 18Page - Texas Instruments TNETE110PM Datasheet HTML 19Page - Texas Instruments TNETE110PM Datasheet HTML 20Page - Texas Instruments TNETE110PM Datasheet HTML 21Page - Texas Instruments TNETE110PM Datasheet HTML 22Page - Texas Instruments TNETE110PM Datasheet HTML 23Page - Texas Instruments TNETE110PM Datasheet HTML 24Page - Texas Instruments TNETE110PM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing requirements for BIOS ROM and LED interface (see Figure 7)†
MIN
MAX
UNIT
tsu
Setup time, data
250
ns
th
Hold time, data
0
ns
† The EPROM interface, consisting of 11 pins, requires only two TTL ’373 latches to latch the high and low addresses.
switching characteristics for BIOS ROM and LED interface (see Figure 7)†
PARAMETER
MIN
MAX
UNIT
td(EADV-EXLEL)
Delay time, address high byte valid to EXLE low (address high byte setup time for external
latch)
0
ns
td(EXLEL-EADZ)
Delay time, EXLE low to address high byte invalid (address high byte hold time for external
latch)
10
ns
td(EADV-EALEL)
Delay time, address low byte valid to EALE low (address low byte setup time for external latch)
0
ns
td(EALEL-EADZ)
Delay time, EALE low to address low byte invalid (address low byte hold time for external latch)
10
ns
ta
Access time, address
288
ns
† The EPROM interface, consisting of 11 pins, requires only two TTL ’373 latches to latch the high and low addresses.
td(EADV-EXLEL)
EAD[7:0]
EXLE
EALE
EOE
td(EXLEL-EADZ)
ta
tsu
th
Data
td(EALEL-EADZ)
High
Address
Low
Address
td(EADV-EALEL)
Figure 7. BIOS ROM and LED Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com