Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE110PM Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETE110PM
Description  PCI ETHERNETE CONTROLLER SINGLE-CHIP 10 BASE-T
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE110PM Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETE110PM Datasheet HTML 2Page - Texas Instruments TNETE110PM Datasheet HTML 3Page - Texas Instruments TNETE110PM Datasheet HTML 4Page - Texas Instruments TNETE110PM Datasheet HTML 5Page - Texas Instruments TNETE110PM Datasheet HTML 6Page - Texas Instruments TNETE110PM Datasheet HTML 7Page - Texas Instruments TNETE110PM Datasheet HTML 8Page - Texas Instruments TNETE110PM Datasheet HTML 9Page - Texas Instruments TNETE110PM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ThunderLAN
™ TNETE110PM
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T
SPWS029 – SEPTEMBER 1996
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
PCI INTERFACE (CONTINUED)
PAD7
42
PAD6
43
PAD5
45
PAD4
46
I/O
PCI address / data bus Byte 0 (least significant) of the PCI address / data bus
PAD3
47
I/O
PCI address / data bus. Byte 0 (least significant) of the PCI address / data bus
PAD2
49
PAD1
50
PAD0
51
PCLK
131
I
PCI clock. PCLK is the clock reference for all PCI bus operations. All other PCI pins except PRST and
PINTA are sampled on the rising edge of PCLK. All PCI bus timing parameters are defined with respect
to this edge.
PCLKRUN
53
I/O ‡
Clock run control (power-down-enable configuration). The PCLKRUN pin should be connected to the
PRST signal for the system. This reset is generated by the VDDI supply and, therefore, is used to put
the TNETE110PM into D3off mode when SOPD = 1. When the PCLKRUN pin is asserted low, the
TNETE110PM performs the following internal functions:
–
Disables PCLK during sleep state
–
Puts all PCI outputs in high-impedance mode asynchronously
–
Disables PFRAME to ensure that the TNETE110PM is signaled as though it is doing a PCI I/O
cycle
–
Resets all TNETE110PM internal state machines
–
Disables all interrupts
–
Sets PowerState = 11 b (only if SOPD = 1)
–
Stops the transmitter and receiver (destructive)
Note: Ten PCLK cycles are required for the TNETE110PM to terminate PCI operations and reset all
state machines after PCLKRUN goes low.
Clock run control (clock-run-enable configuration). The PCLKRUN pin should be connected to the
PCLKRUN signal of the system. PCLKRUN is the active-low PCI clock request/grant signal that allows
the TNETE110PM to indicate when an active PCI clock is required (this is an open drain).
PC / BE3
PC / BE2
PC / BE1
PC / BE0
2
16
28
41
I/O
PCI bus command and byte enables. PC / BE3 enables byte 3 (MSB) of the PC / BE pins.
PCI bus command and byte enables. PC / BE2 enables byte 2 of PCI address / data bus.
PCI bus command and byte enables. PC / BE1 enables byte 1 of PCI address / data bus.
PCI bus command and byte enables. PC / BE0 enables byte 0 of PCI address / data bus.
PDEVSEL
21
I/O
PCI device select. PDEVSEL indicates that the driving device has decoded one of its addresses as
the target of the current access. The TNETE110PM drives PDEVSEL when it decodes an access to
one of its registers. As a bus master, the TNETE110PM monitors PDEVSEL to detect accesses to
illegal memory addresses.
PFRAME
17
I/O
PCI cycle frame. PFRAME is driven by the active bus master to indicate the beginning and duration
of an access. PFRAME is asserted to indicate the start of a bus transaction and remains asserted
during the transaction, only being deasserted in the final data phase.
PGNT
132
I
PCI bus grant. PGNT is asserted by the system arbiter to indicate that the TNETE110PM has been
granted control of the PCI bus.
PIDSEL
4
I
PCI initialization device select. PIDSEL is the chip select for access to PCI configuration registers.
PINTA
128
O/D
PCI interrupt. PINTA is the interrupt request from the TNETE110PM. PCI interrupts are shared, so this
is an open-drain (wired-OR) output.
† I = input, I / O = 3-state input / output, O / D = open-drain output
‡ Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com