Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 16 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 16 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 12Page - Texas Instruments MPZ2012S601A Datasheet HTML 13Page - Texas Instruments MPZ2012S601A Datasheet HTML 14Page - Texas Instruments MPZ2012S601A Datasheet HTML 15Page - Texas Instruments MPZ2012S601A Datasheet HTML 16Page - Texas Instruments MPZ2012S601A Datasheet HTML 17Page - Texas Instruments MPZ2012S601A Datasheet HTML 18Page - Texas Instruments MPZ2012S601A Datasheet HTML 19Page - Texas Instruments MPZ2012S601A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MSP430 Control and Firmware
www.ti.com
5.3
MSP430 Pin-Out
The DRV2603EVM-CT contains a MSP430G2553 low-cost microcontroller which controls the board and
contains sample haptic effects. The pin-out for the microcontroller can be found in Table 4.
Table 4. MSP430 Pin-Out
#
Label
Description
1
P1.1
Green LED
2
P1.2
Yellow LED
3
P1.3
Blue LED
4
P1.4
VREF+
5
P1.5
Audio-to-Haptics
6
P3.1
Enable
7
P3.0
Actuator Mode Selection
8
NC
9
P2.0
Button 1
10
P2.1
Button 2
11
P2.2
Button 3
12
P3.2
PWM
13
P3.3
WLED 0
14
P3.4
WLED 1
15
P2.3
Button 4
16
P2.4
"+" Button
17
P2.5
"–" Button
18
P3.5
WLED 2
19
P3.6
WLED 3
20
P3.7
WLED 4
21
P1.6/SCL
I
2C Clock
22
P1.7/SDA
I
2C Data
23
SBWTDIO
Spy-Bi-Wire Data
24
SBWTCK
Spy-Bi-Wire Clock
25
P2.7
26
P2.6
LRA/ERM Load Switch
27
AVSS
Analog Ground
28
DVSS
Digital Ground
29
AVCC
Analog Supply
30
DVCC
Digital Supply
31
P1.0
Red LED
32
NC
16
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
SLOU340A – May 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com