Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 11 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 7Page - Texas Instruments MPZ2012S601A Datasheet HTML 8Page - Texas Instruments MPZ2012S601A Datasheet HTML 9Page - Texas Instruments MPZ2012S601A Datasheet HTML 10Page - Texas Instruments MPZ2012S601A Datasheet HTML 11Page - Texas Instruments MPZ2012S601A Datasheet HTML 12Page - Texas Instruments MPZ2012S601A Datasheet HTML 13Page - Texas Instruments MPZ2012S601A Datasheet HTML 14Page - Texas Instruments MPZ2012S601A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
JP1
R3
R2
R1
VDD
DRV2603
EN
ERM/LRA
PWM
GND
OUT+
OUT-
MSP430
P3.0
PWM
VDD
P3.1
R8
EN
PWM
www.ti.com
Hardware Configuration
3.6
LRA/ERM Mode Source
Figure 11. Hardware Select Actuator Mode
The DRV2603EVM-CT includes both an LRA and ERM actuator. By default, the MSP430 firmware will
apply the appropriate logic voltage to the DRV2603 actuator select pin (LRA/ERM) and select the
appropriate actuator using an on-board load switch (U5).
To manually select the on-board actuator using the MSP430 firmware:
1. Enter Additional Hardware Modes by holding the "+" button until the actuator buzzes and the mode
LEDs blink.
2. Select Mode 3 (00011'b) using the increment mode button ("+").
3. In Mode 3, press one of the following buttons to enable the DRV2603 and select the appropriate
actuator.
•
B1 - disable the DRV2603
•
B2 - select the on-board LRA and enable the DRV2603
•
B3 - select the on-board LRA and enable the DRV2603
•
B4 - select the on-board ERM and enable the DRV2603
4. If the DRV2603 is enabled, the "EN" LED will glow.
To manually set the actuator select pin using hardware, use resistors R1, R2, and R3 to configure the
DRV2603 .
1. Remove resistor R1, which will disconnect the MSP430.
2. To select LRA mode, add a 0
Ω resistor across R2 which will short the pin to VBAT.
3. To select ERM mode, add a 0
Ω resistor across R3 which will short the pin to ground.
To manually select either the on-board ERM or LRA actuator using hardware:
1. Remove resistor R34 which will disconnect the MSP430.
2. To select the LRA, place a 0
Ω resistor across R35.
3. To select the ERM, no additional resistors are needed.
11
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com