Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 7 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 3Page - Texas Instruments MPZ2012S601A Datasheet HTML 4Page - Texas Instruments MPZ2012S601A Datasheet HTML 5Page - Texas Instruments MPZ2012S601A Datasheet HTML 6Page - Texas Instruments MPZ2012S601A Datasheet HTML 7Page - Texas Instruments MPZ2012S601A Datasheet HTML 8Page - Texas Instruments MPZ2012S601A Datasheet HTML 9Page - Texas Instruments MPZ2012S601A Datasheet HTML 10Page - Texas Instruments MPZ2012S601A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
Hardware Configuration
Figure 6. LRA Click and Release Effect
Figure 7. LRA Scroll Wheel Effect
2.2.5
Mode 4 – ERM Clicks
Mode 4 showcases ERM clicks and double clicks. Similarly to the LRA, compare the click with braking and
without braking and notice the sharper feel with braking.
2.2.6
Mode 5 – Concentration Game
Mode 5 is a game that incorporates the various LRA and ERM effects. This can be used to demonstrate
haptics in a real application.
To begin playing Concentration:
1. Press any of the large effect buttons.
2. The game will then count down.
3. Once the countdown completes, a button will light and an effect will play.
4. Repeat the pattern by pressing the same button.
5. After each successfully repeated pattern, the board will repeat the same pattern and add one
additional button to the sequence.
3
Hardware Configuration
The DRV2603EVM-CT is very flexible and can be used to completely evaluate the DRV2603. The
following sections list the various hardware configurations.
3.1
Input and Output Overview
The DRV2603EVM-CT allows complete evaluation of the DRV2603 though test points, jacks and
connectors. Table 2 gives a brief description of the hardware.
Table 2. Hardware Overview
Signal
Description
I/O
PWM
External DRV2603 PWM input
Input / Observe
EN
External DRV2603 enable control
Input / Observe
Filtered output test points for observation, connect to oscilloscope or
OUT+ / OUT-
Output
measurement equipment
OUT
Unfiltered output terminal block, connect to actuator
Output
USB
USB power (5V)
Input
VBAT
External Supply Power (2.5V-5.2V)
Input
SBW
MSP430 programming header
Input / Output
I
2C
MSP430 I
2C™ bus
Input / Output
7
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com