Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 22 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 22 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 18Page - Texas Instruments MPZ2012S601A Datasheet HTML 19Page - Texas Instruments MPZ2012S601A Datasheet HTML 20Page - Texas Instruments MPZ2012S601A Datasheet HTML 21Page - Texas Instruments MPZ2012S601A Datasheet HTML 22Page - Texas Instruments MPZ2012S601A Datasheet HTML 23Page - Texas Instruments MPZ2012S601A Datasheet HTML 24Page - Texas Instruments MPZ2012S601A Datasheet HTML 25Page - Texas Instruments MPZ2012S601A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Bill of Materials
www.ti.com
ITEM
MANU PARTNUM
QTY
REF DESIGNATORS
VENDOR PARTNUM
DESCRIPTION
VENDOR
MANUFACTURER
RESISTORS
19
ERJ-2GEJ821
1
R45
RESISTOR,SMT,0402,THICK
FILM,5%,1/16W,820
20
ERJ-2RKF9761X
1
R7
P9.76KLCT-ND
RESISTOR SMD0402 THICK FILM
DIGI-KEY
PANASONIC
9.76K OHMS 1/10W 1% ROHS
21
RMCF0402ZT0R00
6
R1,R8,R32,R33,R34,R
RMCF0402ZT0R00CT
ZERO OHM JUMPER SMT 0402 0
DIGI-KEY
STACKPOLE
36
OHM 1/16W,5% ROHS
ELECTRONICS
22
RC0402FR-07511RL
5
R9,R11,R12,R13,R14
311-511LRCT-ND
RESISTOR SMD0402 THICK FILM
DIGI-KEY
YAGEO
511 OHMS 1% 1/16W ROHS
23
ERJ-2GEJ152
1
R26
RESISTOR,SMT,0402,THICK
Panasonic
FILM,5%,1/16W,1.5K
24
RMCF0603ZT0R00
1
R5
RMCF0603ZT0R00CT- RESISTOR SMD0603 ZERO OHMS
DIGI-KEY
STACKPOLE
ND
1/10W ROHS
ELECTRONICS
25
ERJ-2RKF2490X
5
R15,R16,R17,R18,R19
P249LTR-ND
RESISTOR,SMT,0402,249
DIGI-KEY
Panasonic
OHM,1%,1/16W
26
ERJ-2RKF4992X
2
R43,R44
P49.9KLCT
RESISTOR SMD0402 THICK FILM
DIGI-KEY
PANASONIC
49.9K OHMS 1/16W 1% ROHS
27
CRCW04020000Z0ED
2
R40,R46
541-0.0JCT
ZERO OHM JUMPER SMT 0402 0
DIGI-KEY
VISHAY
OHM 1/16W,5% ROHS
28
ERJ-2GEJ104
2
R50,R51
P100KJCT
RESISTOR SMD0402 THICK FILM
DIGI-KEY
PANASONIC
100K OHMS 1/16W 5% ROHS
FERRITE BEADS
29
MPZ2012S601A
2
FB1,FB2
445-2206-1
FERRITE BEAD SMD0805 600
DIGI-KEY
TDK
Ohms 2A ROHS
HEADERS, JACKS, AND SHUNTS
30
LPPB061NGCN-RC
1
SBW
S9010E-06
HEADER THRU FEMALE 1X6-RA
DIGI-KEY
SULLINS
50LS GOLD ROHS
31
PBC03SAAN
3
DRV,I2C,MSP
S1011E-03-ND
HEADER THRU MALE 3 PIN 100LS
DIGI-KEY
SULLINS
GOLD ROHS
32
PBC02SAAN
1
JP2
S1011E-02
HEADER THRU MALE 2 PIN 100LS
DIGI-KEY
SULLINS
GOLD ROHS
33
PBC02SAAN
3
JP1,JP3,JP4
HEADER THRU MALE 2 PIN 100LS
DIGI-KEY
SULLINS
GOLD ROHS
34
UX60-MB-5ST
1
USB
H2959CT
JACK USB MINIB SMT-RA 5PIN
DIGI-KEY
HIROSE
ROHS
35
SJ-3523-SMT
1
Audio
CP-3523SJCT-ND
JACK AUDIO-STEREO MINI(3.5MM
DIGI-KEY
CUI STACK
,3-COND SMT-RA ROHS
36
SPC02SYAN
6
MSP (2-3), DRV (2-3),
S9001-ND
SHUNT BLACK AU FLASH 0.100LS
DIGI-KEY
SULLINS
JP1, JP2, JP3, JP4
CLOSED TOP ROHS
37
1725656
2
OUT,VBAT
277-1273
TERMINAL BLOCK MPT
DIGI-KEY
PHOENIX CONTACT
COMBICON 2PIN 6A/125V GREEN
100LS ROHS
22
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
SLOU340A – May 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com