Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 8 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 4Page - Texas Instruments MPZ2012S601A Datasheet HTML 5Page - Texas Instruments MPZ2012S601A Datasheet HTML 6Page - Texas Instruments MPZ2012S601A Datasheet HTML 7Page - Texas Instruments MPZ2012S601A Datasheet HTML 8Page - Texas Instruments MPZ2012S601A Datasheet HTML 9Page - Texas Instruments MPZ2012S601A Datasheet HTML 10Page - Texas Instruments MPZ2012S601A Datasheet HTML 11Page - Texas Instruments MPZ2012S601A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
100k
470pF
100k
470pF
OUT
OUT-
OUT+
From DRV2603
Hardware Configuration
www.ti.com
Table 2. Hardware Overview (continued)
Signal
Description
I/O
The audio jack is connected to an ADC on the MSP430. This is used for
Audio
Input
audio-to-haptics conversion using special software on the MSP430.
Hardware configuration details can be found in the following sections.
3.2
Power Supply Selection
The DRV2603EVM-CT can be powered by USB or an external power supply (VBAT). Jumpers “DRV” and
“MSP” are used to select USB or VBAT for the DRV2603 and MSP430G2553, respectively. See the
following table for possible configurations.
Supply Configuration
DRV
MSP
DRV2603 Supply Voltage
(1)
USB – Both
USB
USB
5V
DRV2603 External Supply, MSP430
VBAT
USB
VBAT
USB
External Supply - Both
VBAT
VBAT
VBAT
USB with 3.3V LDO
(2) - Both
USB
USB
3.3V (R4 = Short, R5 = Open)
(1)
The DRV2603 supply must be on before operating the MSP430.
(2)
If a 3.3V DRV2603 supply voltage is preferred while using the USB as the power source, remove R5 and add a zero ohm
resistor across R4.
3.3
Using an External Actuator
Figure 8. Terminal Block and Test Points
The DRV2603EVM-CT can be used with an external actuator. Follow the instructions below to attach an
actuator to the "OUT" terminal block.
1. Remove jumpers JP3 and JP4, which will disconnect the on-board actuators from the DRV2603.
2. Attach the positive and negative leads of the actuator to the green “OUT” terminal block keeping in
mind polarity.
3. Screw down the terminal block to secure the actuator leads.
It is important to use the green terminal block when connecting an external actuator. The "OUT+" and
"OUT-" testpoints have low-pass filters and should only be used for oscilloscope and bench
measurements.
8
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
SLOU340A – May 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com