Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 23 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 23 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 19Page - Texas Instruments MPZ2012S601A Datasheet HTML 20Page - Texas Instruments MPZ2012S601A Datasheet HTML 21Page - Texas Instruments MPZ2012S601A Datasheet HTML 22Page - Texas Instruments MPZ2012S601A Datasheet HTML 23Page - Texas Instruments MPZ2012S601A Datasheet HTML 24Page - Texas Instruments MPZ2012S601A Datasheet HTML 25Page - Texas Instruments MPZ2012S601A Datasheet HTML 26Page - Texas Instruments MPZ2012S601A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
www.ti.com
Bill of Materials
ITEM
MANU PARTNUM
QTY
REF DESIGNATORS
VENDOR PARTNUM
DESCRIPTION
VENDOR
MANUFACTURER
TESTPOINTS AND SWITCHES
38
5003
4
ENIN,OUT+,OUT-
5003K
PC TESTPOINT, ORANGE, ROHS
DIGI-KEY
KEYSTONE
,EXTIN (Solder so that
ELECTRONICS
color ring is secured)
39
5011
2
GND,TP1 (Solder so
5011K
PC TESTPOINT BLACK 063 HOLE
DIGI-KEY
KEYSTONE
that color ring is
ROHS
ELECTRONICS
secured)
40
NRS-2574
1
AVM1
NRS-2574
ACUTATOR VIBRATION MOTOR
SANYO
SANYO
1,3V 9000 RPM ROHS
41
ELV1036A
1
-
-
ACTUATOR - LINEAR VIBRATOR,
AAC
AAC
2VRMS
42
-
1
-
-
Metal Block (Custom Block, Heavy
Heavy Metal
Heavy Metal
Metal, See metal block spec)
43
3-5-468MP
1
-
3M9724-ND
TAPE TRANSFER ADHESIVE 3" X
DIGI-KEY
3M
5YD
44
2-5-4466W
1
-
3M9962-ND
TAPE POLY FOAM 2" x 5YD
DIGI-KEY
3M
COMPONENTS NOT ASSEMBLED
45
R0402_DNP
11
R2,R3,R20,R21,R22,R
R0402_DNP
23,R24,R25,R30,R31,
R35
46
TestPoint_SMD-
2
LRA_OUT+,LRA_OUT-
TESTPOINT SMD SQUARE 2.0mm
Square_2.0mm
47
R0603_DNP
1
R4
RMCF0603ZT0R00CT- R0603_DNP
DIGI-KEY
STACKPOLE
ND
ELECTRONICS
48
R0402_DNP
2
R41,R47
P4.99KLCT-ND
R0402_DNP
DIGI-KEY
PANASONIC
49
R0402_DNP
1
R42
541-0.0JCT
R0402_DNP
DIGI-KEY
VISHAY
23
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com