Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 13 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 13 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 9Page - Texas Instruments MPZ2012S601A Datasheet HTML 10Page - Texas Instruments MPZ2012S601A Datasheet HTML 11Page - Texas Instruments MPZ2012S601A Datasheet HTML 12Page - Texas Instruments MPZ2012S601A Datasheet HTML 13Page - Texas Instruments MPZ2012S601A Datasheet HTML 14Page - Texas Instruments MPZ2012S601A Datasheet HTML 15Page - Texas Instruments MPZ2012S601A Datasheet HTML 16Page - Texas Instruments MPZ2012S601A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ERM
Or
LRA
OUT+
OUT-
100k
100k
470 pF
470 pF
Ch1-Ch2
(Differential )
Oscilloscope
Ch1
Ch2
ERM
or
LRA
OUT+
OUT-
Ch1-Ch2
(Differential)
with Digital
Low-Pass Filter
Oscilloscope
Ch 1
Ch2
www.ti.com
MSP430 Control and Firmware
Figure 15. Measuring the DRV2603 Output with a Digital Low-pass Filter
An analog 1st order, low-pass, RC filter can also be used; however, care must be taken not to use a filter
impedance that is too low. Low filter impedance can affect the back-EMF of the actuator and interfere with
the auto-resonance detection algorithm. See the recommend values in Figure 16.
Figure 16. Measuring the DRV2603 Output Signal with an Analog Low-pass Filter
5
MSP430 Control and Firmware
The DRV2603EVM-CT is controlled by a programmable MSP430. This section contains information for
programming and controlling the board using the MSP430.
5.1
Additional Hardware Modes
Additional modes are available on the DRV2603EVM-CT that provide increased board control and
functionality. The additional modes are not available in “demo” mode, but can be access by switching to
“binary counting mode”. In “binary counting mode” the mode LEDs count in binary (32 modes) rather than
in “demo” mode format (only 6 modes including off).
5.1.1
Enter Binary Counting Mode
To enter “binary counting mode” and access the additional modes:
1. Press and hold the increment mode button (“+”) for approximately 3 seconds.
2. Release the button when the actuator buzzes and the mode LEDs flash.
3. Select from the “binary counting modes” using the “+” and “-“ buttons.
All modes, including “demo” modes, are available in binary counting mode, see Table 3 for a description.
5.1.2
Exit Binary Counting Mode
To exit “binary counting mode” and return to “demo” mode:
1. Press and hold the decrement mode button (“-“) for approximately 3 seconds.
2. Release the button when the actuator buzzes and mode LEDs flash.
3. Select from the “demo” modes using the “+” and “-“ buttons.
13
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com