Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 4 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 4 Page - Texas Instruments

  MPZ2012S601A Datasheet HTML 1Page - Texas Instruments MPZ2012S601A Datasheet HTML 2Page - Texas Instruments MPZ2012S601A Datasheet HTML 3Page - Texas Instruments MPZ2012S601A Datasheet HTML 4Page - Texas Instruments MPZ2012S601A Datasheet HTML 5Page - Texas Instruments MPZ2012S601A Datasheet HTML 6Page - Texas Instruments MPZ2012S601A Datasheet HTML 7Page - Texas Instruments MPZ2012S601A Datasheet HTML 8Page - Texas Instruments MPZ2012S601A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Getting Started
www.ti.com
1.1
Evaluation Module Operating Parameters
The following table lists the operating conditions for the DRV2603 on the evaluation module.
Parameter
Specification
Supply voltage range
2.5V to 5.2V
Power-supply Current Rating
400mA
External PWM Voltage, V
PWM (optional)
1.8V to V
DD
1.2
Quick Start Board Setup
The DRV2603EVM-CT firmware contains haptic effects which showcase the features and benefits of the
DRV2603. Follow the instructions below to begin the demo.
1. Out of the box, the jumpers are set to begin demo mode using USB power. The default jumper settings
can be found in the table below.
Jumper
Default Position
Description
JP1
Shorted
Connect MSP430 PWM output to DRV2603 PWM input
JP2
Shorted
3.3V reference for I
2C
JP3, JP4
Shorted
Connect on-board actuators to DRV2603
MSP
USB to MSP
Select USB (5V) or VBAT power for the MSP430
DRV
USB to DRV
Select USB (5V) or VBAT power for the DRV2603
2. Connect the included mini-USB cable to the USB connector on the DRV2603EVM-CT board.
3. Connect the other end of the USB cable to an available USB port on a computer, USB charger, or USB
battery pack.
4. If the board is powered correctly the four colored LEDs will light up, the four mode LEDs will flash, and
the LRA and ERM will play an effect, indicating the board has been successfully initialized.
4
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
SLOU340A – May 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com