Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 21 Page - Texas Instruments

Part # MPZ2012S601A
Description  DRV2603 ERM/LRA Haptic Driver Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S601A Datasheet(HTML) 21 Page - Texas Instruments

Back Button MPZ2012S601A Datasheet HTML 17Page - Texas Instruments MPZ2012S601A Datasheet HTML 18Page - Texas Instruments MPZ2012S601A Datasheet HTML 19Page - Texas Instruments MPZ2012S601A Datasheet HTML 20Page - Texas Instruments MPZ2012S601A Datasheet HTML 21Page - Texas Instruments MPZ2012S601A Datasheet HTML 22Page - Texas Instruments MPZ2012S601A Datasheet HTML 23Page - Texas Instruments MPZ2012S601A Datasheet HTML 24Page - Texas Instruments MPZ2012S601A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
Bill of Materials
8
Bill of Materials
ITEM
MANU PARTNUM
QTY
REF DESIGNATORS
VENDOR PARTNUM
DESCRIPTION
VENDOR
MANUFACTURER
SEMICONDUCTORS
1
DRV2603RUN
1
U1
DRV2603RUN
NO DATA YET QFN10-RUN ROHS
TEXAS
TEXAS
INSTRUMENTS
INSTRUMENTS
2
TXS0102DCTR
1
U4
296-21978-1
2-BIT BIDIR LEVEL TRANSLATOR
DIGI-KEY
TEXAS
SSOP8-DCT ROHS
INSTRUMENTS
3
MSP430G2553IRHB32 1
U2
595-
MIXED SIGNAL MICRO 16KB
MOUSER
TEXAS
T
P430G2553IRHB32T
FLASH 512B RAM QFN32-RHB
INSTRUMENTS
ROHS
4
TPS73633MDBVREP
1
U3
296-21283-1
VOLT REG 3.3V 400MA LDO CAP
DIGI-KEY
TEXAS
FREE NMOS SOT23-DBV5 ROHS
INSTRUMENTS
5
TS5A12301EYFPR
1
U5
296-23757-1-ND
IEC LEVEL 4 ESD-PROTECTED
DIGI-KEY
TEXAS
0.75-OHM ANALOG SWITCH
INSTRUMENTS
WCSP6-YFP ROHS
6
LTST-C190KGKT
2
5V,EN
160-1435-1-ND
LED,GREEN,2.0V,SMD0603,ROHS
DIGI-KEY
LITE-ON INC.
7
LNJ037X8ARA
5
M0,M1,M2,M3,M4
LNJ037X8ARACT-ND
LED, WHITE 2.9V SMD0805 ROHS
DIGI-KEY
PANASONIC
8
SML-LXT0805SRW-TR 1
B1
67-1555-1
LED, RED 2.0V SMD0805 ROHS
DIGI-KEY
LUMEX OPTO
9
SML-LXT0805GW-TR
1
B2
67-1553-1
LED, GREEN 2.0V SMD0805 ROHS DIGI-KEY
LUMEX OPTO
10
SML-LXT0805YW-TR
1
B3
67-1554-1
LED, YELLOW 2.0V SMD0805
DIGI-KEY
LUMEX OPTO
ROHS
11
LTST-C171TBKT
1
B4
160-1645-1-ND
LED, BLUE 3.3V SMD0805 ROHS
DIGI-KEY
LITE-ON INC.
CAPACITORS
12
GRM155R71C104KA8
2
C1,C12
490-3261-1-ND
CAP SMD0402 CERM 0.1UFD 16V
DIGI-KEY
MURATA
8D
X7R 10% ROHS
13
C1005X5R0J104K
4
C8,C9,C10,C13
445-1266-1
CAP SMD0402 CERM 0.1UFD 6.3V
DIGI-KEY
TDK CORP
10% X5R ROHS
14
0805YD106KAT2A
1
C6
478-5165-1
CAP SMD0805 CERM 10UFD 16V
DIGI-KEY
AVX
X5R 10% ROHS
15
GRM155R60J105KE19 1
C7
490-1320-1
CAP SMD0402 CERM 1.0UFD 6.3V
DIGI-KEY
MURATA
D
X5R 10% ROHS
16
GRM188R60J106ME4
1
C11
490-3896-1-ND
CAP SMD0603 CERM 10UFD 6.3V
DIGI-KEY
MURATA
7D
20% X5R ROHS
17
C0402C471K5RACTU
2
C14,C15
399-1025-1
CAP SMD0402 CERM 470PFD 50V
DIGI-KEY
KEMET
10% X7R ROHS
18
TCTAL0J107M8R
1
C5
511-1498-1-ND
CAP TANT1206 100UFD 6.3V 20%
DIGI-KEY
ROHM
TCT SERIES ROHS
21
SLOU340A – May 2012 – Revised May 2012
DRV2603 ERM/LRA Haptic Driver Evaluation Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com