Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6421 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 15Page - Torex Semiconductor XC6421 Datasheet HTML 16Page - Torex Semiconductor XC6421 Datasheet HTML 17Page - Torex Semiconductor XC6421 Datasheet HTML 18Page - Torex Semiconductor XC6421 Datasheet HTML 19Page - Torex Semiconductor XC6421 Datasheet HTML 20Page - Torex Semiconductor XC6421 Datasheet HTML 21Page - Torex Semiconductor XC6421 Datasheet HTML 22Page - Torex Semiconductor XC6421 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
XC6421
シリーズ
(11) EN Rising Respose Time
(12) Ripple Rejection Rate
XC6421(VOUT=1.2V)
0
20
40
60
80
100
0.1
1
10
100
1000
Ripple Frequency : f (kHz)
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
V
IN=3.0V+0.5Vp-pAC, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.8V)
0
20
40
60
80
100
0.1
1
10
100
1000
Ripple Frequency : f (kHz)
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
V
IN=3.0V+0.5Vp-pAC, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
0
20
40
60
80
100
0.1
1
10
100
1000
Ripple Frequency : f (kHz)
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
V
IN=3.5V+0.5Vp-pAC, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=3.6V)
0
20
40
60
80
100
0.1
1
10
100
1000
Ripple Frequency : f (kHz)
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
V
IN=4.6V+0.5Vp-pAC, Ta=25℃
C
IN=0.1μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
EN Input Voltage
Output Voltage
V
EN=0V→3.5V, tr=5μS, Ta=25℃
V
IN=3.5V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=3.6V)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time (40μs/div)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
EN Input Voltage
Output Voltage
V
EN=0V→4.6V, tr=5μS, Ta=25℃
V
IN=4.6V, CIN=CL=1.0μF(ceramic)
■特性例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com