Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6421 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 2Page - Torex Semiconductor XC6421 Datasheet HTML 3Page - Torex Semiconductor XC6421 Datasheet HTML 4Page - Torex Semiconductor XC6421 Datasheet HTML 5Page - Torex Semiconductor XC6421 Datasheet HTML 6Page - Torex Semiconductor XC6421 Datasheet HTML 7Page - Torex Semiconductor XC6421 Datasheet HTML 8Page - Torex Semiconductor XC6421 Datasheet HTML 9Page - Torex Semiconductor XC6421 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/25
XC6421 シリーズ
レギュレータ1、レギュレータ2 共通
電圧別一覧表
出力設定電圧
(V)
出力電圧
(V)
入出力電位差
(mV)
出力設定電圧
(V)
出力電圧
(V)
入出力電位差
(mV)
VOUT(E)
Vdif
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
VOUT(T)
MIN.
MAX.
TYP.
MAX.
1.200
1.1800
1.2200
2.500
2.4750
2.5250
1.250
1.2300
1.2700
580
680
2.550
2.5245
2.5755
1.300
1.2800
1.3200
2.600
2.5740
2.6260
1.350
1.3300
1.3700
515
610
2.650
2.6235
2.6765
1.400
1.3800
1.4200
2.700
2.6730
2.7270
1.450
1.4300
1.4700
2.750
2.7225
2.7775
1.500
1.4800
1.5200
2.800
2.7720
2.8280
1.550
1.5300
1.5700
460
550
2.850
2.8215
2.8785
1.600
1.5800
1.6200
2.900
2.8710
2.9290
1.650
1.6300
1.6700
2.950
2.9205
2.9795
240
290
1.700
1.6800
1.7200
3.000
2.9700
3.0300
1.750
1.7300
1.7700
380
450
3.050
3.0195
3.0805
1.800
1.7800
1.8200
3.100
3.0690
3.1310
1.850
1.8300
1.8700
3.150
3.1185
3.1815
1.900
1.8800
1.9200
3.200
3.1680
3.2320
1.950
1.9300
1.9700
330
390
3.250
3.2175
3.2825
2.000
1.9800
2.0200
3.300
3.2670
3.3330
2.050
2.0295
2.0705
3.350
3.3165
3.3835
2.100
2.0790
2.1210
3.400
3.3660
3.4340
2.150
2.1285
2.1715
3.450
3.4155
3.4845
2.200
2.1780
2.2220
3.500
3.4650
3.5350
2.250
2.2275
2.2725
3.550
3.5145
3.5855
2.300
2.2770
2.3230
3.600
3.5640
3.6360
210
260
2.350
2.3265
2.3735
2.400
2.3760
2.4240
2.450
2.4255
2.4745
295
350
■電気的特性
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com