Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6421 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6421 Datasheet HTML 1Page - Torex Semiconductor XC6421 Datasheet HTML 2Page - Torex Semiconductor XC6421 Datasheet HTML 3Page - Torex Semiconductor XC6421 Datasheet HTML 4Page - Torex Semiconductor XC6421 Datasheet HTML 5Page - Torex Semiconductor XC6421 Datasheet HTML 6Page - Torex Semiconductor XC6421 Datasheet HTML 7Page - Torex Semiconductor XC6421 Datasheet HTML 8Page - Torex Semiconductor XC6421 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
XC6421 シリーズ
端子番号
USP-6C
端子名
機能
1
EN2
ON/OFF 制御端子 2
2
VIN
電源入力端子
3
EN1
ON/OFF 制御端子 1
4
VSS
グランド端子
5
VOUT1
出力端子
1
6
VOUT2
出力端子
2
■端子配列
■端子説明
EN2
VIN
EN1
VOUT2
VOUT1
VSS
※
USP-6Cの放熱板は実装強度強化および放熱の為、参考パターンレイアウトと参考メタルマスクデザインでの
はんだ実装を推奨しております。尚、放熱板の電位をとる場合はV
SS(4番Pin)へ接続して下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com