Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 2Page - STMicroelectronics STULPI01B_12 Datasheet HTML 3Page - STMicroelectronics STULPI01B_12 Datasheet HTML 4Page - STMicroelectronics STULPI01B_12 Datasheet HTML 5Page - STMicroelectronics STULPI01B_12 Datasheet HTML 6Page - STMicroelectronics STULPI01B_12 Datasheet HTML 7Page - STMicroelectronics STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics STULPI01B_12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Application diagrams
STULPI01A, STULPI01B
6/44
Doc ID 14817 Rev 4
1
Application diagrams
Figure 1.
Peripheral only, configuration with external clock
AM04944v2
V
DVIO
V
DVIO
V
DVIO
CLK
DIR
STP
NXT
D[0]...D[7]
RESETn
CSn / PWRDN
3V3V
1V2V
VBAT
XI
External clock
19.2/26 MHz
V
DVIO
amplitutde
XO
ID
DP
DM
VBUS
RREF
PSWn
VB_REF_FAULT
5x GND
GND
High-speed
USB-OTG
controller
C
F2
E1
E2
C
F4
C
F4
C
F3
open
or ground
R
BUS C
T
R
REF
C
F1
Mini-B
D+
D-
VBUS
GND
Battery
voltage
Table 1.
Bill of materials - external components
Qty.
Symbol
Value
Description
1CF1
0.1 - 1 µF
Filtering capacitor. Suggested components:
Murata 10 V X5R (GRM188R61A105KA61) or
Murata 10 V Y5V (GRM188F51A105ZA01) or
TAIYO YUDEN 25 V X5R (TMK107BJ105KA)
2CF4
0.1 - 1 µF
Filtering capacitor. Suggested components:
Murata 10 V X5R (GRM188R61A105KA61) or
Murata 10 V Y5V (GRM188F51A105ZA01) or
TAIYO YUDEN 25 V X5R (TMK107BJ105KA)
1CF2
1 µF - 1.5 µF
Filtering capacitor. Suggested components:
Murata 10 V X5R (GRM188R61A105KA61) or
Murata 10 V Y5V (GRM188F51A105ZA01) or
TAIYO YUDEN 25 V X5R (TMK107BJ105KA)
1CF3
1 - 4.7 µF
Filtering capacitor. Suggested components:
Murata 10 V Y5V (GRM188F51A475ZE20) or
TAIYO YUDEN 6.3 V X5R (JMK107BJ475KA)
1CT
4.7 µF
Tank capacitor
1RREF
12 k
Ω
Reference resistor
±1%
1
E1
USBULC6-2F3
1
E2
ESDA14V2-2BF3
1RBUS
2.2 k
Ω
Series overvoltage protection resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com