Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 1 Page - STMicroelectronics

  STULPI01B_12 Datasheet HTML 1Page - STMicroelectronics STULPI01B_12 Datasheet HTML 2Page - STMicroelectronics STULPI01B_12 Datasheet HTML 3Page - STMicroelectronics STULPI01B_12 Datasheet HTML 4Page - STMicroelectronics STULPI01B_12 Datasheet HTML 5Page - STMicroelectronics STULPI01B_12 Datasheet HTML 6Page - STMicroelectronics STULPI01B_12 Datasheet HTML 7Page - STMicroelectronics STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
This is information on a product in full production.
June 2012
Doc ID 14817 Rev 4
1/44
1
STULPI01A, STULPI01B
High-speed USB On-The-Go ULPI transceiver
Datasheet
−production data
Features
■ USB-IF high-speed certified to the universal
serial bus specification rev. 2.0
■ Meets the requirements of the universal serial
bus specification rev. 2.0, On-The-Go
supplement to the USB 2.0 specification 1.0a
and ULPI transceiver specification 1.1
■ Standard ULPI (UTMI+ low pin interface) 1.1
digital interface
■ Fully compliant with ULPI 1.1 register set
■ External square wave clock with VDVIO
amplitude must be applied to oscillator input XI
■ Supports 480 Mbit/s High-speed, 12 Mbit/s
Full-speed and 1.5 Mbit/s Low-speed modes of
operation
■ Supports 2.7 V UART mode
■ Supports session request protocol (SRP) and
host negotiation protocol (HNP) for dual-role
device features
■ Ability to control external charge pump for
higher VBUS currents
■ Single supply, +3 V to +4.5 V voltage range
■ Integrated dual voltage regulator to supply
internal circuits with stable 3.3 V and 1.2 V
■ Integrated overcurrent detector
■ Integrated HS termination and FS/LS/OTG
pull-up/pull-down resistors
■ Integrated USB 2.0 “short-circuit withstand”
protection
■ Power-down mode with very low-power
consumption for battery-powered devices
■ Ideal for system ASICs with built-in USB host,
device or OTG cores
■ Available in µTFBGA36 RoHS package
■ –40 to 85 °C operating temperature range
Applications
■ Mobile phones
■ PDAs
■ MP3 players
■ Digital still cameras
■ Set-top box
■ Portable navigation devices
Description
The STULPI01 is a high-speed USB 2.0
transceiver compliant with ULPI (UTMI+ low pin
interface) and OTG (On-The-Go) specifications,
providing a complete physical layer solution for
any high-speed USB host, device or OTG dual-
role core. It allows USB ASICs to interface with
the physical layer of the USB through a 12-pin
interface. It contains VBUS comparators, an ID
line detector, USB differential drivers and
receivers and a complete ULPI register map and
interrupt generator. The STULPI01 transceiver is
suitable for mobile applications and battery-
powered devices because of its low-power
consumption, Power-down operating mode and
minimal die/package dimensions.
µTFBGA36
www.st.com


Similar Part No. - STULPI01B_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STULPI01BTBR STMICROELECTRONICS-STULPI01BTBR Datasheet
96Kb / 6P
HS USB ULPI transceiver
31-Aug-2007
STULPI01BTBR STMICROELECTRONICS-STULPI01BTBR Datasheet
606Kb / 44P
High speed USB On-The-Go ULPI transceiver
20-Jun-2008
More results

Similar Description - STULPI01B_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
NXP Semiconductors
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
High speed USB On-The-Go ULPI transceiver
20-Jun-2008
logo
NXP Semiconductors
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
logo
NXP Semiconductors
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com