Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 3Page - STMicroelectronics STULPI01B_12 Datasheet HTML 4Page - STMicroelectronics STULPI01B_12 Datasheet HTML 5Page - STMicroelectronics STULPI01B_12 Datasheet HTML 6Page - STMicroelectronics STULPI01B_12 Datasheet HTML 7Page - STMicroelectronics STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics STULPI01B_12 Datasheet HTML 10Page - STMicroelectronics STULPI01B_12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
STULPI01A, STULPI01B
Bump configuration
Doc ID 14817 Rev 4
7/44
2
Bump configuration
Figure 2.
Pin connections
µTFBGA36 (bottom view)
A
B
C
D
E
F
1
2
3
4
5
6
µTFBGA36 (through top side view)
6
5
4
3
2
1
D5
D4
CLK
D3
D2
D1
A
D6
1V8
VIO
GND
1V8
VIO
1V8
VIO
D0
B
D7
GND
RESETn
CSn/
PWRDN
RREF
DM
C
STP
NXT
PSWn
ID
GND
DP
D
1V2V
DIR
GND
3V3V
VB_REF
_FAULT
GND
E
XO
XI
VBUS
VBAT
NC
NC
F
6
5
4
3
2
1
D5
D5
D4
D4
CLK
CLK
D3
D3
D2
D2
D1
D1
A
D6
D6
GND
V
DVIO
D0
D0
B
D7
D7
GND
RESETn
RESETn
CSn/
PWRDN
CSn/
PWRDN
RREF
RREF
DM
DM
C
STP
STP
NXT
NXT
PSWn
PSWn
ID
ID
GND
DP
DP
D
1V2V
DIR
DIR
GND
3V3V
VB_REF
_FAULT
VB_REF
_FAULT
GND
E
XO
XI
VBUS
T VBUS
VBAT
NC
NC
F
AM04945v1
V
DVIO
V
DVIO
Table 2.
Pinout and bump description
Bump
Symbol
Type
Description
B1
D0
I/O
Data bit [0] (VDVIO referred). UART TXD signal.
A1
D1
I/O
Data bit [1] (VDVIO referred). UART RXD signal.
A2
D2
I/O
Data bit [2] (VDVIO referred). UART reserved pin.
A3
D3
I/O
Data bit [3] (VDVIO referred). UART active high interrupt indication.
A4
CLK
O
Clock out (VDVIO referred)
A5
D4
I/O
Data bit [4] (VDVIO referred)
A6
D5
I/O
Data bit [5] (VDVIO referred)
B6
D6
I/O
Data bit [6] (VDVIO referred)
C6
D7
I/O
Data bit [7] (VDVIO referred)
D6
STP
I
ULPI stop signal (VDVIO referred)
D5
NXT
O
ULPI next signal (VDVIO referred)
E5
DIR
O
ULPI direction signal (VDVIO referred)
C3
CSn/PWRDN
I
Chip select active low, power-down active high
C4
RESETn
I
Active low asynchronous reset
D1
DP
I/O
Positive data line of the USB. 5 V tolerant.
C1
DM
I/O
Negative data line of the USB. 5 V tolerant.
D3
ID
I
ID pin of the USB connector for initial device role selection. 5 V tolerant.
F4
VBUS
I/O
VBUS line of the USB interface, requires an external capacitor of 4.7 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com