Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 5Page - STMicroelectronics STULPI01B_12 Datasheet HTML 6Page - STMicroelectronics STULPI01B_12 Datasheet HTML 7Page - STMicroelectronics STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics STULPI01B_12 Datasheet HTML 10Page - STMicroelectronics STULPI01B_12 Datasheet HTML 11Page - STMicroelectronics STULPI01B_12 Datasheet HTML 12Page - STMicroelectronics STULPI01B_12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
STULPI01A, STULPI01B
Maximum ratings
Doc ID 14817 Rev 4
9/44
3
Maximum ratings
Note:
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to
GND.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDVIO
Digital I/O supply voltage
-0.3 to +4.0
V
V1V2
Digital core supply voltage (provided internally by LDO)
-0.3 to +1.4
V
V3V3
Analog supply voltage (provided internally by LDO)
-0.3 to +4.0
V
VBAT
Battery supply voltage
-0.3 to +7.0
V
VDCDIG
DC voltage on digital pins (CLK, DIR, STP, NXT, D[0-7], RESETn, XI,
CSn/PWRDN)
-0.3 to +4.0
V
VDCVBUS DC voltage on 5 V tolerant pins (VBUS,VB_REF_FAULT, DP, DM, ID)
-0.3 to +5.5
V
TSTG
Storage temperature range
-40 to +125
°C
VESD-HBM Electrostatic discharge voltage on all pins (according to JESD22-A114-B)
±2.0
kV
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient (simulated value as per JEDEC JSD51)
113.8
°C/W
RthJC
Thermal resistance junction-case (simulated value as per JEDEC JSD51)
47
°C/W
RthJB
Thermal resistance junction-base (simulated value as per JEDEC JSD51)
66.2
°C/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBAT
Battery supply voltage
3.0
3.6
4.5
V
VDVIO
Digital I/O supply voltage
1.65
1.80
3.6
V
TA
Operating temperature range
-40
+85
°C
CT
Tank capacitor
1
4.7
6.5
µF
RREF
External reference resistor
11.88
12
12.12
k
Ω
XTAL
External square wave (01A, 01B versions)
19.2 or 26
MHz
Recommended rise/fall time
4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com