Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 30Page - STMicroelectronics STULPI01B_12 Datasheet HTML 31Page - STMicroelectronics STULPI01B_12 Datasheet HTML 32Page - STMicroelectronics STULPI01B_12 Datasheet HTML 33Page - STMicroelectronics STULPI01B_12 Datasheet HTML 34Page - STMicroelectronics STULPI01B_12 Datasheet HTML 35Page - STMicroelectronics STULPI01B_12 Datasheet HTML 36Page - STMicroelectronics STULPI01B_12 Datasheet HTML 37Page - STMicroelectronics STULPI01B_12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ULPI registers
STULPI01A, STULPI01B
34/44
Doc ID 14817 Rev 4
Note:
0Ah-0Ch(Read), 0Ah(Write), 0Bh(Set), 0Ch(Clear). These addresses control UTMI + OTG
functions of the PHY.
Table 19.
OTG control register
Field name
Bits
Access
Reset
Description
IdPullup
0rd/wr/s/c
0b
Connects a pull-up to the ID line and enables sampling of the
signal level.
0b: disables sampling of ID line.
1b: enables sampling of ID line.
DpPulldown
1rd/wr/s/c
1b
Enables the 15 k
Ω pull-down resistor on DP.
0b: pull-down resistor not connected to DP.
1b: pull-down resistor connected to DP.
DmPulldown
2rd/wr/s/c
1b
Enables the 15 k
Ω pull-down resistor on DM.
0b: pull-down resistor not connected to DM.
1b: pull-down resistor connected to DM.
DischrgVbus
3rd/wr/s/c
0b
Discharges VBUS through a resistor. If the link sets this bit to 1,
it waits for an RX CMD indicating SessEnd has transition from 0
to 1, and then resets this bit to 0 to stop the discharge.
0b: does not discharge VBUS
1b: discharges VBUS
ChrgVbus
4rd/wr/s/c
0b
Charges VBUS through a resistor. Used for VBUS pulsing SRP.
0b: does not charge VBUS
1b: charges VBUS
DrvVbus
5rd/wr/s/c
0b
Signals the internal charge pump or external supply to drive 5 V
on VBUS.
0b: does not drive VBUS (default)
1b: drives 5 V on VBUS
DrvVbus External
6rd/wr/s/c
0b
Selects between the internal and the external 5 V VBUS supply.
0b: drives VBUS using the internal charge pump (default).
1b: drives VBUS using external supply.
UseExternal
VbusIndicator
7rd/wr/s/c
0b
Tells STULPI01 to use an external VBUS overcurrent indicator.
0b: uses the internal OTG comparator or internal
VBUS valid indicator (default)
1b: uses external VBUS valid indicator signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com