Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 19 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 15Page - STMicroelectronics STULPI01B_12 Datasheet HTML 16Page - STMicroelectronics STULPI01B_12 Datasheet HTML 17Page - STMicroelectronics STULPI01B_12 Datasheet HTML 18Page - STMicroelectronics STULPI01B_12 Datasheet HTML 19Page - STMicroelectronics STULPI01B_12 Datasheet HTML 20Page - STMicroelectronics STULPI01B_12 Datasheet HTML 21Page - STMicroelectronics STULPI01B_12 Datasheet HTML 22Page - STMicroelectronics STULPI01B_12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
STULPI01A, STULPI01B
Block description
Doc ID 14817 Rev 4
19/44
6.6
External charge pump
It is possible to use an external charge pump or power switch controlled by the PSWn pin
(active low open drain). This functionality is controlled by DrvVbus and DrvVbusExternal
ULPI OTG control register bits.
6.7
VBUS comparators and VBUS overcurrent (OC) detector
These comparators monitor the VBUS voltage.
VBUS valid status signals that the voltage is above the VBUS_VLD level (4.4 V). Session valid
status signals that the VBUS voltage is above the VSESS_VLD level (0.8 to 2.0 V). Session end
detector signals that VBUS voltage is below VSESS_END level.
The STULPI01 also implements an embedded VBUS overcurrent detector which compares
VBUS voltage to the external analog 5 V reference signal applied to the VB_REF_FAULT pin.
6.8
VB_REF_FAULT pin
VBUS overcurrent conditions can be monitored by either an internal or external OC detector.
The internal OC detector is enabled when the overcurrent_PD bit in the power control
register (vendor-specific area) is set to 0b and Use External VBUS Indicator is set to 1b. In
this mode, the VB_REF_FAULT pin functions as the input of the analog reference for internal
overcurrent detector.
If the external charge pump is already equipped with an overcurrent detector, its output can
be also monitored through the VB_REF_FAULT pin, but the overcurrent_PD bit must be set
to 1b. In this mode, VB_REF_FAULT functions as the standard digital input pin with 5 V
tolerance. Functionality of the VB_REF_FAULT pin can be seen in more detail in Figure 6.
Note:
After reset, the overcurrent_PD bit is 1b, the internal overcurrent detector is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com