Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics STULPI01B_12 Datasheet HTML 10Page - STMicroelectronics STULPI01B_12 Datasheet HTML 11Page - STMicroelectronics STULPI01B_12 Datasheet HTML 12Page - STMicroelectronics STULPI01B_12 Datasheet HTML 13Page - STMicroelectronics STULPI01B_12 Datasheet HTML 14Page - STMicroelectronics STULPI01B_12 Datasheet HTML 15Page - STMicroelectronics STULPI01B_12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Electrical characteristics
STULPI01A, STULPI01B
12/44
Doc ID 14817 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Overcurrent detector
VOC
Overcurrent trip threshold
VB_REF_FAULT – VBUS
VOC = VB_REF_FAULT –
VBUS
20
45
95
mV
ID
IID_PU
ID pin pull-up current
VID = 0 V
70
µA
RID_GND
ID line short resistance to
detect ID GND state
1k
Ω
RID_FLOAT
ID line short resistance to
detect ID FLOAT state
100
k
Ω
UART mode (2.7 V ± 5%)
VOH_UART
High level output voltage
(D1, D3)
IOH = -2 mA
VDVIO
- 0.15
V
VOL_UART
Low level output voltage
(D1, D3)
IOL = +2 mA
0.15
V
VIH_UART_D0
High level input voltage
(D0)
0.65 x
VDVIO
V
VIL_UART_D0 Low level input voltage (D0)
0.35 x VDVIO
V
VOH_DFMS
High level output voltage
(DP)
IOH = -2 mA
2.16
2.85
V
VOL_DFMS
Low level output voltage
(DP)
IOL = +2 mA,
Pull-up = 10 k
Ω
-0.10
0.37
V
VIH_DTMS
High level input voltage
(DM)
2.0
3.0
V
VIL_DTMS
Low level input voltage
(DM)
-0.3
0.81
V
Full-speed/low-speed driver
ZDRV
Output impedance (acting
also as high-speed
termination)
40.5
49.5
Ω
VOH_DRV
High level output voltage
RLH = 14.25 kΩ
2.8
3.6
V
VOL_DRV
Low level output voltage
RLL = 1.425 kΩ
0.0
0.3
V
VCRS
Driver crossover voltage
CLOAD = 50 to 600 pF
(2)
1.3
1.67
2.0
V
High-speed driver
VHSOI
HS idle level
-10
10
mV
VHSDPJ
HS data DP J state level
(2)
380
440
mV
VHSDK
HS data DP K state level
-10
10
mV
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com