Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 17 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 13Page - STMicroelectronics STULPI01B_12 Datasheet HTML 14Page - STMicroelectronics STULPI01B_12 Datasheet HTML 15Page - STMicroelectronics STULPI01B_12 Datasheet HTML 16Page - STMicroelectronics STULPI01B_12 Datasheet HTML 17Page - STMicroelectronics STULPI01B_12 Datasheet HTML 18Page - STMicroelectronics STULPI01B_12 Datasheet HTML 19Page - STMicroelectronics STULPI01B_12 Datasheet HTML 20Page - STMicroelectronics STULPI01B_12 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
STULPI01A, STULPI01B
Timing diagram
Doc ID 14817 Rev 4
17/44
5
Timing diagram
Figure 4.
Rise and fall time
Figure 5.
Simplified block diagram
90%
10%
R
t
OL_DRV
V
t
F
90%
10%
OH_DRV
V
CS26080
ULPI
Oscillator
PLL
Power
on reset
USB 2.0
PHY
UTMI +
Interface
XI
XO
CLK
DIR
STP
NXT
D0 - D7
VDVIO
VBUS
RESETn
DP
DM
ID
PSWn
GND
Dual
voltage
regulator
VBAT
GND
Voltage
reference
UTMI +
Core
OTG Block
Charge Pump,
VBUS Comparators
ID Detector
VB_REF_FAULT
Over-
current
fault
detector
RREF
ULPI
wrapper
and
PLL
USB 2.0
PHY
UTMI +
interface
ID
UTMI +
core
OTG block
Charge pump,
VBUS comparators
ID detector
AM04947v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com