Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULPI01B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STULPI01B
Description  High-speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STULPI01B_12 Datasheet HTML 6Page - STMicroelectronics STULPI01B_12 Datasheet HTML 7Page - STMicroelectronics STULPI01B_12 Datasheet HTML 8Page - STMicroelectronics STULPI01B_12 Datasheet HTML 9Page - STMicroelectronics STULPI01B_12 Datasheet HTML 10Page - STMicroelectronics STULPI01B_12 Datasheet HTML 11Page - STMicroelectronics STULPI01B_12 Datasheet HTML 12Page - STMicroelectronics STULPI01B_12 Datasheet HTML 13Page - STMicroelectronics STULPI01B_12 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Electrical characteristics
STULPI01A, STULPI01B
10/44
Doc ID 14817 Rev 4
4
Electrical characteristics
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
Power consumption
IBAT
Supply current
Active mode (USB bus idle)
15
mA
Active mode (FS
transmission, 12 Mb/s
traffic)
30
mA
Active mode (HS
transmission)
50
mA
Suspend mode (not
including DP pull-up
current, external clock
stopped)
120
µA
UART mode (no
transmission)
15
mA
Power-down mode
0.4
2
µA
VIO OFF mode (VDVIO = 0)
0.4
2
µA
IDVIO
ULPI bus supply current
VDVIO
Power-down mode
0.1
10
µA
Active mode, 4 pF load
1.8
mA
Logic inputs and outputs
CULPIIN
ULPI port I/O capacitance
2.4
3.5
pF
VOH
High level output voltage
(ULPI bus)
IOH = -2 mA
VDVIO
-0.15
V
VOL
Low level output voltage
(ULPI bus)
IOL = +2 mA
0.15
V
IOZH_PSWn
High level output leakage
(PSWn)
VOH_PSWn = 3.3 V power
switch disabled
1.0
µA
VOL_PSWn
Low level output voltage
(PSWn)
IOL = +2 mA power switch
enabled
0.15
V
VIH
High level input voltage
(ULPI port and RESETn)
0.65 x
VDVIO
V
VIL
Low level input voltage
(ULPI port and RESETn)
0.35 x VDVIO
V
IIH
High level input leakage
current
VIH = VDVIO -0.2 V
±1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com