Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 145 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 141Page - STMicroelectronics STA381BWS Datasheet HTML 142Page - STMicroelectronics STA381BWS Datasheet HTML 143Page - STMicroelectronics STA381BWS Datasheet HTML 144Page - STMicroelectronics STA381BWS Datasheet HTML 145Page - STMicroelectronics STA381BWS Datasheet HTML 146Page - STMicroelectronics STA381BWS Datasheet HTML 147Page - STMicroelectronics STA381BWS Datasheet HTML 148Page - STMicroelectronics STA381BWS Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 171 page
background image
STA381BWS
Register description: Sound Terminal compatibility
Doc ID 018937 Rev 6
145/171
7.17
EQ soft volume configuration registers (addr 0x37 - 0x38)
The soft volume update has a fixed rate by default. Using register 0x37 and 0x38 it is
possible to override the default behavior, allowing different volume change rates.
It is also possible to independently define the fade-in (volume is increased) and fade-out
(volume is decreased) rates according to the desired behavior.
Table 160.
Soft volume update enable, increase
When SVUPE = 1 the volume-up rate is defined by the SVUP[4:0] bits according to the
following formula:
volume-up rate = 48 / (N + 1) dB/ms
where N is the SVUP[4:0] value.
Table 161.
Soft volume update enable, decrease
When SVDWE = 1 the volume-down rate is defined by the SVDW[4:0] bits according to the
following formula:
volume-down rate = 48 / (N + 1) dB/ms
where N is the SVDW[4:0] value.
Note:
For volume-down rates greater than 6 dB/msec it is recommended to disable the CPWMEN
bit and ZCE bit in order to avoid any audible pop noise.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
SVUPE
SVUP[4]
SVUP[3]
SVUP[2]
SVUP[1]
SVUP[0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
SVDWE
SVDW4]
SVDW[3]
SVDW[2]
SVDW[1]
SVDW[0]
00
00
00
0
0
SVUPE
Mode
0
When volume is increased, use the default rate
1
When volume is increased, use the rates defined by SVUP[4:0].
SVDWE
Mode
0
When volume is decreased, use the default rate
1
When volume is decreased, use the rates defined by SVDW[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com