Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 147 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 143Page - STMicroelectronics STA381BWS Datasheet HTML 144Page - STMicroelectronics STA381BWS Datasheet HTML 145Page - STMicroelectronics STA381BWS Datasheet HTML 146Page - STMicroelectronics STA381BWS Datasheet HTML 147Page - STMicroelectronics STA381BWS Datasheet HTML 148Page - STMicroelectronics STA381BWS Datasheet HTML 149Page - STMicroelectronics STA381BWS Datasheet HTML 150Page - STMicroelectronics STA381BWS Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 171 page
background image
STA381BWS
Register description: Sound Terminal compatibility
Doc ID 018937 Rev 6
147/171
Two different behaviors can be configured by the VRESTG bit.
If VRESTG=’0’ the CxVR contribution will be applied immediately after the corresponding
I2C bits are written.
If VRESTG=’1’ the CxVR bits will be effective on channel volume only after the
corresponding CxVol register or master volume register is written (even to the previous
values).
Table 163.
Extra volume resolution enable
7.19
PLL configuration registers (address 0x41; 0x42; 0x43; 0x44;
0x45; 0X46)
By default the STA381BWS is able to configure the embedded PLL automatically depending
on the MCS bits (reg 0x00). For certain applications and to provide flexibility to the user, a
manual PLL configuration can be used (setting PLL_DIRP to ‘1’).
VRESEN
VRESTG
Mode
0
0
Extra volume resolution disabled
0
1
Extra volume resolution disabled
1
0
Fine volume tuning enabled and applied immediately
11
Fine volume tuning enabled and applied when master or
channel volume is updated
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[15:8]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
PLL_FRAC[7:0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DITH[1:0]
PLL_NDIV[5:0]
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
PLL_DPD
PLL_FCT
PLL_STB
PLL_STBBYP
PLL_IDIV(3:0)
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
PLL_DIRP
PLL_PWD
PLL_BYP
OSC_PD
Reserved
BOOST32K
00
00
01
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
BYPSTATE
PDSTATE
OSCOK
LOWCK
NA
NA
NA
NA
NA
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com